Electronic Components Datasheet Search
  English  ▼

X  

ASW52B Datasheet(PDF) 1 Page - TOKO, Inc

Part # ASW52B
Description  5.250 GHZ DIELECTRIC ANTENNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

ASW52B Datasheet(HTML) 1 Page - TOKO, Inc

  ASW52B Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASW52B
5.250 GHZ DIELECTRIC ANTENNA
September 2004
1
© 2004 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-239-ASW52
R-LOG0904A
Features
• Center Frequency: 5250 MHz
• Bandwidth: ± 100 MHz
• Miniature footprint: 19mm x 19mm
• Low profile: 6.5mm max.
• Peak Gain (Center Axial Direction): 4.0 dBi (typ.)
• SWR: 2.0 max.
• Impedance: 50 Ω
• Weight: 2.5 grams
• Operation temperature: - 20°C to + 85°C
• Storage temperature: - 30°C to + 90°C
Dimensions
Description
The TOKO ASW52B is a wide-directivity, circularly polarized
dielectric antenna specifically designed for 5.250 GHz applica-
tions including IEEE 802.11a wireless networking. The antenna
unit consists of a dielectric element, printed circuit board, and RF
connector.
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
�����������
��
�
���
��
��
��
��
��
��
��
��
��
��
�
�
�
�
�
�
�
�
���
�
���
���
���
���
���
���
���
��
��
��
�����������������������������
����������������������������
Directivity Plot
Receiving Signal Response Over Fequency
Typical Characteristics
���
���
���
���
���
���
����
����
����
�����
�������


Similar Part No. - ASW52B

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
ASW50R130EA SHUNYE-ASW50R130EA Datasheet
2Mb / 10P
MOSFET Silicon N-Channel MOS
Revision 1.0 2024-3-21
More results

Similar Description - ASW52B

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DAK1575MS50T TOKO-DAK1575MS50T Datasheet
405Kb / 1P
GPS DIELECTRIC PATCH ANTENNA
ASWR03 TOKO-ASWR03 Datasheet
121Kb / 2P
2.45 GHZ DIELECTRIC ANTENNA
DAC2450CT1T TOKO-DAC2450CT1T Datasheet
459Kb / 2P
2.45 GHZ DIELECTRIC ANTENNA
DAKC1575MS74T TOKO-DAKC1575MS74T Datasheet
548Kb / 1P
GPS DIELECTRIC PATCH ANTENNA
DAL5250CT17T TOKO-DAL5250CT17T Datasheet
532Kb / 1P
5.250 GHZ DIELECTRIC ANTENNA
DAT TOKO-DAT Datasheet
103Kb / 2P
5.8 GHZ DIELECTRIC ANTENNA
logo
Token Electronics Indus...
DA1575S25T4A TOKEN-DA1575S25T4A Datasheet
350Kb / 3P
DA Dielectric Patch Antenna
logo
Johanson Technology Inc...
1575AT47A0040 JOHANSON-1575AT47A0040 Datasheet
326Kb / 6P
1.57 GHz Antenna
logo
List of Unclassifed Man...
PA22A ETC2-PA22A Datasheet
1Mb / 21P
GSM Dielectric PIFA Antenna
logo
Taoglas antenna solutio...
PCS.06.A TAOGLAS-PCS.06.A Datasheet
2Mb / 21P
SMD Dielectric Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com