Electronic Components Datasheet Search
  English  ▼

X  

CFSKNS Datasheet(PDF) 1 Page - TOKO, Inc

Part # CFSKNS
Description  FM CERAMIC FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CFSKNS Datasheet(HTML) 1 Page - TOKO, Inc

  CFSKNS Datasheet HTML 1Page - TOKO, Inc CFSKNS Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFSKN S Series
FM CERAMIC FILTERS
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-322-CFSKN/S
R-LOG0805A
Description
• FM-IF step ceramic filters developed for use in
compact, slimline sets.
• Increased number of bandwidth variations, ideal for BS
tuner and digital communications equipment wide band,
as well as European and U.S, FM stereo narrow band.
• Covers a wide range of application characteristics
through the Standard S Series, Low Loss X Series and
Group Delay G Series meeting a wide range of needs.
Features
• Compact and low profile (ideal for slimline sets)
• Low temperature coefficient and dispersion for
reliable response
• High selectivity
• Low spurious response
• Independent terminal structure
• Lead-free terminations
Applications
• Radios, radio cassettes, car radios, home stereo
• Wireless data communication equipment
STANDARD FILTERS SELECTION GUIDE
TYPE CFSKN Standard S Series
TOKO
Center
Bandwidth
Bandwidth
Insertion
Spurious
Input/Output
Part
Frequency*
at 3dB
at 20dB
Loss
Response
Impedance
Number
(Fo)
(kHz)
(kHz)
(dB)
(dB)
(Ω)
#SK107MAN-AE-10
See Color Code Table
380±50
720 max.
5.0 max.
30 min.
330/330
#SK107M0N-AE-10
See Color Code Table
330±50
680 max.
6.0 max.
30 min.
330/330
#SK107M1N-AE-10
See Color Code Table
280±50
650 max.
6.0 max.
30 min.
330/330
#SK107M2N-AE-20
See Color Code Table
230±50
600 max.
6.0 max.
40 min.
330/330
#SK107M3N-AE-20
See Color Code Table
180±40
520 max.
7.0 max.
40 min.
330/330
#SK107M4N-AE-20
See Color Code Table
150±40
400 max.
10.0 max.
40 min.
330/330
#SK107M5N-AE-10
See Color Code Table
110±30
350 max.
10.0 max.
30 min.
330/330
Unit: mm
SKMAN SKM0N SKM1N SKM2N SKM3N SKM4N SKM5N
Dimensions
Test Circuit
Center
Color
Rank
Frequency*
Code
A
10.70±0.03MHZ
None
B
10.67±0.03MHZ
Blue
C
10.73±0.03MHZ
Orange
D
10.64±0.03MHZ
Black
E
10.76±0.03MHZ
White
Test Conditions
R
1:
280Ω
R
2:
280Ω
N.A.: HP4194A or equivalent
(Input impedance less than 15pF)
* Standard center frequency: 10.7MHz
* Applicable center frequency: 10.3MHz — 11.5MHz
* Center frequency tolerance: Standard ±30kHz; ±25kHz
and ±20kHz also available
Color Code Table


Similar Part No. - CFSKNS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
FM CERAMIC FILTERS
More results

Similar Description - CFSKNS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
Ceramic Filters (CERAFIL) for FM Receivers
logo
TOKO, Inc
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
FM CERAMIC FILTERS
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
RADIAL TAPING FM CERAMIC FILTERS
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
CERAMIC FILTERS
logo
TOKO, Inc
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
FM Ceramic Filters
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
Radial Taping / FM Ceramic Filters
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
FM Ceramic Filters
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
LT10.7M Ceramic Filters for FM Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com