Electronic Components Datasheet Search
  English  ▼

X  

PUMT1 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PUMT1
Description  PNP GENERAL PURPOSE DUAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUMT1 Datasheet(HTML) 2 Page - Unisonic Technologies

  PUMT1 Datasheet HTML 1Page - Unisonic Technologies PUMT1 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCPUMT1 PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R218-001,A
The following characteristics apply to both Tr1 and Tr2
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-40
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
Ic
-100
mA
Peak collector current
ICM
-200
mA
Peak base current
IBM
-200
mA
Collector Power Dissipation (total)
Pc
300
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-65~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNIT
IE=0, VcB=-30V
-100
nA
Collector cut-off current
ICBO
IE=0, VcB=-30V, Tj=150℃
-10
μ
A
Emitter cut-off current
IEBO
VEB=-4V, Ic=0
-100
nA
DC current gain
hFE
Ic=-1mA, VCE=-6V
120
Collector-emitter saturation voltage
VCE(sat)
Ic=-50mA, IB=-5mA (note 1)
-200
mV
Collector capacitance
Cc
IE=ie=0, VCB=-12V, f=1MHz
2.2
pF
Transition frequency
fT
Ic=-2mA, VCE=-12V, f=100MHz
100
MHz
Note:1. Pulse test: tp≤300µs, δ≤0.02
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com