Electronic Components Datasheet Search
  English  ▼

X  

RCR2C Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCR2C
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2C Datasheet(HTML) 4 Page - Unisonic Technologies

  RCR2C Datasheet HTML 1Page - Unisonic Technologies RCR2C Datasheet HTML 2Page - Unisonic Technologies RCR2C Datasheet HTML 3Page - Unisonic Technologies RCR2C Datasheet HTML 4Page - Unisonic Technologies RCR2C Datasheet HTML 5Page - Unisonic Technologies RCR2C Datasheet HTML 6Page - Unisonic Technologies RCR2C Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTC RCR2C
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R502-026,A
TYPICAL APPLICATION CIRCUIT
Receiver Ⅰ (FOSC = 128KHz)
ANTENNA
9V
U1
UTC RCR2C
140K
R17
R16
3K
C16
200
4.7M
R14
30P
C14
R13
3K
104
C9
R5
C15
500P
3K
R4
C10
560
R3
C8
472
L1
3.3μH
3.3µF
R6
5.6K
27p
C2
Q1
C1815
C1
68p
12p
C3
R1
1.5K
L2
R7
3.3K
103
C11
C12
104
9013
Q3
R8
690
R10
150
Q4
9013
Q6
9013
690
R9
Q5
8550
Q7
8550
C13
Q9
104
Q8
9013
9013
690
R12
SWITCH
150
R11
Q2
9013
104
1N4148
C6
C7
12V
100μF
D2
R2
270
D1
3.8V
C5
C4
104
220µF
4.7M
R19
690
Q10
9013
9013
Q11
104
C17
Q12
8550
8550
Q14
Q13
9013
R15
150
Q15
9013
690
R21
R20
150
NOTE: 1. MOD=1(Mod Pin opens).
2. No using DC-DC converter because of higher supply voltage.
3. Two grade shift gears are realized.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com