Electronic Components Datasheet Search
  English  ▼

X  

RCT2E Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RCT2E
Description  ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT2E Datasheet(HTML) 3 Page - Unisonic Technologies

  RCT2E Datasheet HTML 1Page - Unisonic Technologies RCT2E Datasheet HTML 2Page - Unisonic Technologies RCT2E Datasheet HTML 3Page - Unisonic Technologies RCT2E Datasheet HTML 4Page - Unisonic Technologies RCT2E Datasheet HTML 5Page - Unisonic Technologies RCT2E Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTC RCT2E
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-027,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.3 ~ 6.0
V
Input/Output Voltage
GND -0.2 ~ VDD+0.2
V
Operating Temperature
Topr
-10 ~ 60
℃
Storage Temperature
Tstg
-25 ~ 125
℃
ELECTRICAL CHARACTERISTICS
(VDD=4.5V, Fosc=116 ~ 140KHz, Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VDD
1.8
4.5
5.0
V
Input Low Voltage
ViL
Function Input Pin
2.3
V
Stand by Current
IStandBy
Unload
10
μ
A
Operating Current
IDD
Unload
0.6
mA
SO Driving Current
IDrSO
Load=0.7V
6.5
mA
SC Driving Current
IDrSC
Load=0.7V
6.5
mA
PC Driving Current
IDrPC
Load=0.7V
6.5
mA
Oscillator Frequency Tolerance
Ftolerance
UTC RCR2C FOSC=128KHz
-20
+20
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com