Electronic Components Datasheet Search
  English  ▼

X  

TL431A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TL431A
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431A Datasheet(HTML) 2 Page - Unisonic Technologies

  TL431A Datasheet HTML 1Page - Unisonic Technologies TL431A Datasheet HTML 2Page - Unisonic Technologies TL431A Datasheet HTML 3Page - Unisonic Technologies TL431A Datasheet HTML 4Page - Unisonic Technologies TL431A Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTCTL431A
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R103-007,D
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified))
PARAMETER
SYMBOL
VALUE
UNIT
Cathode Voltage
VKA
37
V
Cathode Current Range(Continuous)
IKA
-100 ~ +150
mA
Reference Input Current Range
Iref
-0.05 ~ +10
mA
Operating Junction Temperature
Tj
150
°C
Operating Ambient Temperature
Topr
-40 ~ +85
°C
Storage Temperature Temperature
Tstg
-65 ~ +150
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1
100
mA
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Reference Input Voltage
Vref
VKA=VREF,IKA=10mA
2.483 2.495 2.507
V
Deviation of reference Input Voltage
Over temperature(note 1)
∆Vref/∆T
VKA=VREF,IKA=10mA
TMIN<=TA<=TMAX
4.5
17
mV
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
∆Vref /∆VKA IKA=10mA
∆VKA=10V~VREF
∆VKA=36V~10V
-1.0
-0.5
-2.7
-2.0
mV/V
Reference Input Current
Iref
IKA=10mA,R1=10k
Ω, R2=∞
1.5
4
µA
Deviation of Reference Input Current
Over Full Temperature Range
∆Iref/∆T
IKA=10mA,R1=10k
Ω, R2=∞
TA=full Temperature
0.4
1.2
µA
Minimum Cathode Current for
Regulation
IKA(min)
VKA=VREF
0.45
1.0
mA
Off-State Cathode Current
IKA(OFF)
VKA=36V,VREF=0
0.05
1.0
µA
Dynamic Impedance
ZKA
VKA=VREF, IKA=1 to 100mA
f
≤1.0kHz
0.15
0.5
Ω
Note:TMIN=0
°C,TMAX=+70°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com