Electronic Components Datasheet Search
  English  ▼

X  

TL432C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL432C
Description  1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL432C Datasheet(HTML) 1 Page - Unisonic Technologies

  TL432C Datasheet HTML 1Page - Unisonic Technologies TL432C Datasheet HTML 2Page - Unisonic Technologies TL432C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL432C
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R103-022.D
1.24V PRECISION
ADJUSTABLE SHUNT
REFERENCE REGULATORS
DESCRIPTION
The UTC TL432C is a three-terminal adjustable shunt regulator
highly accurate 1.24V bandgap reference with 1%, 2% tolerance.
The device offers thermal stability, wide operating current (50mA)
and an extended temperature range of 0
° to 105°C for operation in
power supply applications.
The UTC TL432C offers a wide
operating voltage range of up to 12V and is an excellent choice for
voltage reference requirements in an isolated feedback circuit for
3.0V ~ 3.3V switching mode power supplies. The tight tolerance
quarantees a lower design cost for the power supply manufacturer
by virtually eliminating the need for an extra power supply
manufacturing process of the power supply.
FEATURES
*Temperature-Compensated: 50ppm/
°C
*Internal amplifier with 50mA capability
*Nominal temperature range extended to 105
°C
*Low frequency dynamic output impedance:<150mΩ
*Low Output Noise
TO-92
1
SOP-8
SOT-89
1
SOT-25
SOT-23
4
5
3
2
1
1
2
3
*Pb-free plating product number: TL432CL
ORDERING INFORMATION
Order Number
PIN CODE
Normal
Lead Free Plating
1 2 3 4 5 6 7 8
Package
Packing
TL432C-AB3-R
TL432CL-AB3-R
R A K -
-
-
-
-
SOT-89
Tape Reel
TL432C-AE3-R
TL432CL-AE3-R
K R A -
-
-
-
-
SOT-23
Tape Reel
TL432C-AF5-R
TL432CL-AF5-R
X X K R A -
-
-
SOT-25
Tape Reel
TL432C-T92-B
TL432CL-T92-B
R A K -
-
-
-
-
TO-92
Tape Box
TL432C-T92-K
TL432CL-T92-K
R A K -
-
-
-
-
TO-92
Bulk
TL432C-S08-R
TL432CL-S08-R
K AAXX AA R
SOP-8
Tape Reel
TL432C-S08-T
TL432CL-S08-T
K AAXX AA R
SOP-8
Tube
Note: Pin Code: C: Cathode
A: Anode
R: Reference
X: No Connection
TL432CL-AB3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube
(2) AB3: SOT-89, AE3: SOT-23, AF3: SOT-25,
S 08: SOP-8, T92: TO-92
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - TL432C

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432C HTC-TL432C Datasheet
165Kb / 5P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results

Similar Description - TL432C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com