Electronic Components Datasheet Search
  English  ▼

X  

TL594 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TL594
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594 Datasheet(HTML) 7 Page - Unisonic Technologies

  TL594 Datasheet HTML 1Page - Unisonic Technologies TL594 Datasheet HTML 2Page - Unisonic Technologies TL594 Datasheet HTML 3Page - Unisonic Technologies TL594 Datasheet HTML 4Page - Unisonic Technologies TL594 Datasheet HTML 5Page - Unisonic Technologies TL594 Datasheet HTML 6Page - Unisonic Technologies TL594 Datasheet HTML 7Page - Unisonic Technologies TL594 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-031,A
TYPICAL APPLICATIONS INFORMATION
Gnd
7
910
13
4
E1 E2
OC
DT
RT
CT
6
14
+
-
11
8
47
12
VCC
C1
C2
22k
+Vin = 8.0V ~ 20V
+
+VO = 28V
IO = 0.2A
50
35V
50
35V
1N4934
+
-
VREF
Comp
UTC TL594
4.7k
1.0M
5
0.001
4.7k
15k
10k
10
+
16
15
3
2
0.01
0.01
33k
1
+
4.7k
1.0
240
L1
1N4934
T1
47
+
50
25V
Tip
32
Tip
32
All capacitors in μF
Push-Pull Operation
Tip 32A
Gnd
7
910
13
4
E1 E2
O.C.
D.T.
RT
CT
6
5
+
-
150
11
8
47
12
VCC
C1
C2
0.1
47k
1.0M
5.1k
5.1k
1.0mH @ 2.0A
+Vin = 10V ~ 40V
+
+
+
+VO = 5.0V
IO = 1.0A
50
10V
500
10V
MR850
150
5.1k
16
15
14
1
2
3
+
-
Vref
Comp
0.1
UTC TL594
47k
0.001
50
50V
Single-Ended Operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com