Electronic Components Datasheet Search
  English  ▼

X  

UA8888S-SH1-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UA8888S-SH1-R
Description  5-CHANNEL BTL DRIVER FOR DVD PLAYER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8888S-SH1-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UA8888S-SH1-R Datasheet HTML 1Page - Unisonic Technologies UA8888S-SH1-R Datasheet HTML 2Page - Unisonic Technologies UA8888S-SH1-R Datasheet HTML 3Page - Unisonic Technologies UA8888S-SH1-R Datasheet HTML 4Page - Unisonic Technologies UA8888S-SH1-R Datasheet HTML 5Page - Unisonic Technologies UA8888S-SH1-R Datasheet HTML 6Page - Unisonic Technologies UA8888S-SH1-R Datasheet HTML 7Page - Unisonic Technologies UA8888S-SH1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UA8888S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R109-015,B
TESTING CIRCUIT
28
27
26
25
24
23
22
21
20
19
18
17
16
15
12
3
45
6
7
89
10
11
12
13
14
10K
10K
16.4K
ADJ 2.5V
REGOUT
V8
NC
NC
OPEN
V28
V27
V26
V23
5V
V19
8
10
47μF
10K
ADJ 3.3V
REGOUT
47μF
5V
10
20
45
V7
V6
V4
V1
UTC UA8888S
10
μ
F
10
μ
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com