Electronic Components Datasheet Search
  English  ▼

X  

UBV45 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UBV45
Description  HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UBV45 Datasheet(HTML) 3 Page - Unisonic Technologies

  UBV45 Datasheet HTML 1Page - Unisonic Technologies UBV45 Datasheet HTML 2Page - Unisonic Technologies UBV45 Datasheet HTML 3Page - Unisonic Technologies UBV45 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UBV45
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-081,c
TYPICAL CHARACTERICS
VCE (V)
10
2
10
-3
2
4
6
8
24
6 8
24
6 8
2
4
6
10
1
10
0
10
-2
10
-1
Safe Operating Area
2
4
6
8
2
4
6
8
2
4
TCASE (℃)
0
100
Derating Curve
80
60
40
20
25
50
75
100
125
120
10
0
10
1
10
3
150
140
175
80µs
300µs
Continuous
IC (A)
0.01
0.1
0.1
Collector Emitter Saturation Voltage
1
10
hFE =5
TJ =125℃
TJ =-40℃
TJ =25℃
IC (A)
0.1
0.8
Base Emitter Saturation Voltage
1.1
hFE =5
TJ =125℃
TJ =-40℃
TJ =25℃
1.2
1.0
0.9
0.7
0.6
IC (A)
0.01
0.1
DC Current Gain
1
10
VCE =1.5V
TJ =25℃
IC (A)
0.01
0.1
DC Current Gain
1
10
VCE =5V
TJ =25℃
TJ =-40℃
TJ =125℃
TJ =-40℃
TJ =125℃
0.2
0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com