Electronic Components Datasheet Search
  English  ▼

X  

2N3772 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N3772
Description  SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3772 Datasheet(HTML) 2 Page - Unisonic Technologies

  2N3772 Datasheet HTML 1Page - Unisonic Technologies 2N3772 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC2N3772
SILICON NPN TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R205-002,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=10A,IB=1.5A
Ic=20A,IB=4A
1.4
4.0
V
Base-Emitter On Voltage
VBE(on)
Ic=10A,VCE=4V
2.2
V
SECOND BREAKDOWN
Second Breakdown Collector with
Base Forward Biased
Is/b
VCE=60V,T=1.0s, Non-repetitive
2.5
A
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product
fT
Ic=1A,VCE=4V,f=50kHz
0.2
MHz
Small-Signal Current Gain
hFE
Ic=1A,VCE=4V,f=1kHz
40
Note(1):Pulse Test: Puls Width<=300
µs, Duty Cycle<=2%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com