Electronic Components Datasheet Search
  English  ▼

X  

CLS0361-L152 Datasheet(PDF) 1 Page - CUI Devices

Part # CLS0361-L152
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CLS0361-L152 Datasheet(HTML) 1 Page - CUI Devices

  CLS0361-L152 Datasheet HTML 1Page - CUI Devices CLS0361-L152 Datasheet HTML 2Page - CUI Devices CLS0361-L152 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: CLS0361-L152 | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 36 mm
• round frame
• 2.0 W
• 8 Ω
• neodymium magnet
• paper cone
• wire leads
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
2
3
W
impedance
at 1k Hz, 1.0 V
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 V
360
450
540
Hz
frequency response
Fo
10,000
Hz
sound pressure level
at 1.0 W, 50 cm, avg at 0.6, 0.8, 1.0, 1.2 kHz
85
88
91
dB
distortion
at 1 kHz, 1 W
10
%
buzz, rattle, etc.
must be normal at sine wave
4
V
dimensions
36 x 36 x 6.0
mm
magnet
Nd-Fe-B
cone material
paper
terminal
wire leads
weight
8.6
g
operating temperature
-25
60
°C
hand soldering
for maximum 3 seconds
340
350
360
°C
RoHS
yes
Additional Resources: Product Page | 3D Model


Similar Part No. - CLS0361-L152

ManufacturerPart #DatasheetDescription
logo
CUI INC
CLS0361-L152 CUI-CLS0361-L152 Datasheet
329Kb / 2P
LOW PROFILE SPEAKER
More results

Similar Description - CLS0361-L152

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com