Electronic Components Datasheet Search
  English  ▼

X  

29005 Datasheet(PDF) 1 Page - Belden Inc.

Part # 29005
Description  600V ACIC, (6) 16 AWG (7x24) BCGrd, XLPE/PVC/PVC, AIA Armor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29005 Datasheet(HTML) 1 Page - Belden Inc.

  29005 Datasheet HTML 1Page - Belden Inc. 29005 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 29005
600V ACIC, (6) 16 AWG (7x24) BC+Grd, XLPE/PVC/PVC, AIA Armor
Product Description
Six 16 AWG stranded (7x24) bare copper conductors plus bare copper ground wire, cross-linked polyethylene insulation, PVC inner jacket, aluminum
interlocked armor, PVC outer jacket.
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 6
16 AWG 7x24
BC - Bare Copper
Ground Wire
1
16 AWG 7x24
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) XLP, XLPO, XLPE (Thermoset) 0.030 in (0.76 mm) 0.118 in (3.00 mm)
White and Numbered, Black and Numbered
Ground Wire
XLP, XLPO, XLPE (Thermoset) 0.030 in (0.76 mm) 0.118 in (3.00 mm)
Green
Outer Shield
Material
No Shield
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord Color
PVC - Polyvinyl Chloride 0.047 in (1.2 mm) 0.452 in (11.5 mm) Yes
Black
Table Notes:
Separator-CORR. MYLAR Tape
Armor
Armor Type & Material
Armor Thickness
Diameter Over Armor
AIA - Aluminum Interlock Armor 0.025 in (0.64 mm) 0.677 in (17.2 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.052 in (1.3 mm) 0.781 in
Overall Cable Diameter (Nominal): 0.781 in
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 4.45 Ohm/1000ft
14.4 Amps per Conductor at 30ºC
Ground Wire
4.45 Ohm/1000ft (14.6 Ohm/km) 19 Amps per Conductor at 25ºC
Voltage


Similar Part No. - 29005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900509 PHOENIX-2900509 Datasheet
163Kb / 5P
PSR-SCP- 24UC/ESAM4/3X1/1X2/B
2900510 PHOENIX-2900510 Datasheet
110Kb / 7P
Safety relays - PSR-SPP- 24UC/ESAM4/3X1/1X2/B
2900525 PHOENIX-2900525 Datasheet
120Kb / 7P
Safety relays - PSR-SCP- 24UC/ESAM4/2X1/1X2
2900526 PHOENIX-2900526 Datasheet
119Kb / 7P
Safety relays - PSR-SPP- 24UC/ESAM4/2X1/1X2
2900530 PHOENIX-2900530 Datasheet
143Kb / 5P
ELR H3-SC- 24DC/500AC-9
More results

Similar Description - 29005

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29004 BELDEN-29004 Datasheet
148Kb / 2P
600V ACIC, (3) 16 AWG (7x24) BCGrd, XLPE/PVC/PVC, AIA Armor
12-20-2022
29006 BELDEN-29006 Datasheet
148Kb / 2P
600V ACIC, (12) 16 AWG (7x24) BCGrd, XLPE/PVC/PVC, AIA Armor
12-20-2022
29007 BELDEN-29007 Datasheet
150Kb / 2P
ACIC 600V, 20G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blue PVC Jkt, 90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29008 BELDEN-29008 Datasheet
149Kb / 2P
ACIC 600V, 30G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt, 90C Dry/Wet SUN RES -40C
12-20-2022
29009 BELDEN-29009 Datasheet
149Kb / 2P
ACIC 600V, 40G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt, 90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29016 BELDEN-29016 Datasheet
154Kb / 3P
ACIC 600V, 50G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet SUN RES -40C
04-08-2022
29017 BELDEN-29017 Datasheet
150Kb / 2P
ACIC 600V, 2G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29018 BELDEN-29018 Datasheet
149Kb / 2P
ACIC 600V, 4G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29021 BELDEN-29021 Datasheet
149Kb / 2P
ACIC 600V, 8G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29023 BELDEN-29023 Datasheet
149Kb / 2P
ACIC 600V, 15G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com