Electronic Components Datasheet Search
  English  ▼

X  

29007 Datasheet(PDF) 1 Page - Belden Inc.

Part # 29007
Description  ACIC 600V, 20G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blue PVC Jkt, 90C Dry/Wet CSA HL SUN RES -40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29007 Datasheet(HTML) 1 Page - Belden Inc.

  29007 Datasheet HTML 1Page - Belden Inc. 29007 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 29007
ACIC 600V, 20+G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blue PVC
Jkt, 90C Dry/Wet CSA HL SUN RES -40C
Product Description
Canadian Instrumentation Cable TC-ACIC 600V, 20+G Conductor 16AWG (7x24) Bare Copper, XLPE Insulation, PVC Inner Jacket, Aluminum Interlock
Armor, Blue PVC Outer Jacket, 90C Dry/Wet CSA HL SUN RES -40C
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 20
16 AWG 7x24
BC - Bare Copper
Ground Wire
1
16 AWG 7x24
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) XLP, XLPO, XLPE (Thermoset) 0.030 in (0.76 mm) 0.118 in (3.00 mm)
White and Numbered, Black and Numbered
Ground Wire
XLP, XLPO, XLPE (Thermoset) 0.030 in (0.76 mm) 0.118 in (3.00 mm)
Green
Outer Shield
Material
No Shield
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord Color
PVC - Polyvinyl Chloride 0.063 in (1.6 mm) 0.757 in (19.2 mm) Yes
Black
Armor
Armor Type & Material
Armor Thickness
Diameter Over Armor
AIA - Aluminum Interlock Armor 0.034 in (0.86 mm) 1.017 in (25.83 mm)
Table Notes:
Seprator -Corrugated Mylar Tape
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.052 in (1.3 mm) 1.121 in
Overall Cable Diameter (Nominal): 1.121 in
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 4.2 Ohm/1000ft
12.6 Amps per Conductor at 30ºC
Ground Wire
4.2 Ohm/1000ft (14 Ohm/km) 10 Amps per Conductor at 25ºC
Voltage


Similar Part No. - 29007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900701 PHOENIX-2900701 Datasheet
58Kb / 4P
Interface module - VIP-3/SC/RJ45
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900747 PHOENIX-2900747 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900748 PHOENIX-2900748 Datasheet
88Kb / 3P
3-phase loop bridge for 4 modules of the CONTACTRON family with 22.5 mm housing width.
2900749 PHOENIX-2900749 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
More results

Similar Description - 29007

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29008 BELDEN-29008 Datasheet
149Kb / 2P
ACIC 600V, 30G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt, 90C Dry/Wet SUN RES -40C
12-20-2022
29009 BELDEN-29009 Datasheet
149Kb / 2P
ACIC 600V, 40G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt, 90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29016 BELDEN-29016 Datasheet
154Kb / 3P
ACIC 600V, 50G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet SUN RES -40C
04-08-2022
29017 BELDEN-29017 Datasheet
150Kb / 2P
ACIC 600V, 2G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29018 BELDEN-29018 Datasheet
149Kb / 2P
ACIC 600V, 4G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29021 BELDEN-29021 Datasheet
149Kb / 2P
ACIC 600V, 8G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29022 BELDEN-29022 Datasheet
150Kb / 2P
ACIC 600V, 10G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29023 BELDEN-29023 Datasheet
149Kb / 2P
ACIC 600V, 15G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29032 BELDEN-29032 Datasheet
150Kb / 2P
ACIC 600V, 4G C #18 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29036 BELDEN-29036 Datasheet
150Kb / 2P
ACIC 600V, 8G C #18 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com