Electronic Components Datasheet Search
  English  ▼

X  

29009 Datasheet(PDF) 1 Page - Belden Inc.

Part # 29009
Description  ACIC 600V, 40G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt, 90C Dry/Wet CSA HL SUN RES -40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29009 Datasheet(HTML) 1 Page - Belden Inc.

  29009 Datasheet HTML 1Page - Belden Inc. 29009 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 29009
ACIC 600V, 40+G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,
90C Dry/Wet CSA HL SUN RES -40C
Product Description
Canadian Instrumentation Cable TC-ACIC 600V, 40+G Conductor 16AWG (7x24) Bare Copper, XLPE Insulation, PVC Inner Jacket, Aluminum Interlock
Armor, Blue PVC Outer Jacket, 90C Dry/Wet CSA HL SUN RES -40C
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 40
16 AWG 7x24
BC - Bare Copper
Ground Wire
1
16 AWG 7x24
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) XLP, XLPO, XLPE (Thermoset) 0.030 in (0.76 mm) 0.118 in (3.00 mm)
White and Numbered, Black and Numbered
Ground Wire
XLP, XLPO, XLPE (Thermoset) 0.030 in (0.76 mm) 0.118 in (3.00 mm)
Green
Outer Shield
Material
No Shield
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord Color
PVC - Polyvinyl Chloride 0.083 in (2.1 mm) 1.069 in (27.15 mm) Yes
Black
Armor
Armor Type & Material
Armor Thickness
Diameter Over Armor
AIA - Aluminum Interlock Armor 0.034 in (0.86 mm) 1.329 in (33.76 mm)
Table Notes:
Seprator -Corrugated Mylar Tape
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.052 in (1.3 mm) 1.433 in
1.41 in
Overall Cable Diameter (Nominal): 1.410 in
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 4.2 Ohm/1000ft
10.8 Amps per Conductor at 30ºC
Ground Wire
4.2 Ohm/1000ft (14 Ohm/km) 10 Amps per Conductor at 25ºC


Similar Part No. - 29009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
29009 ETC2-29009 Datasheet
256Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Wiha Tools
29009 WIHA-29009 Datasheet
241Kb / 1P
19 Pc. SlimLine Insulated Blade Set
29009 WIHA-29009 Datasheet
6Mb / 44P
Professional Insulated Tools
logo
PHOENIX CONTACT
2900903 PHOENIX-2900903 Datasheet
117Kb / 5P
UM 45-D 9SUB/S/ZFKDS
2900905 PHOENIX-2900905 Datasheet
117Kb / 5P
UM 45-D15SUB/S/ZFKDS
More results

Similar Description - 29009

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29007 BELDEN-29007 Datasheet
150Kb / 2P
ACIC 600V, 20G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blue PVC Jkt, 90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29008 BELDEN-29008 Datasheet
149Kb / 2P
ACIC 600V, 30G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt, 90C Dry/Wet SUN RES -40C
12-20-2022
29016 BELDEN-29016 Datasheet
154Kb / 3P
ACIC 600V, 50G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet SUN RES -40C
04-08-2022
29017 BELDEN-29017 Datasheet
150Kb / 2P
ACIC 600V, 2G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29018 BELDEN-29018 Datasheet
149Kb / 2P
ACIC 600V, 4G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29021 BELDEN-29021 Datasheet
149Kb / 2P
ACIC 600V, 8G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29022 BELDEN-29022 Datasheet
150Kb / 2P
ACIC 600V, 10G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29023 BELDEN-29023 Datasheet
149Kb / 2P
ACIC 600V, 15G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29032 BELDEN-29032 Datasheet
150Kb / 2P
ACIC 600V, 4G C #18 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
29036 BELDEN-29036 Datasheet
150Kb / 2P
ACIC 600V, 8G C #18 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet CSA HL SUN RES -40C
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com