Electronic Components Datasheet Search
  English  ▼

X  

2SA1774 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1774
Description  GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1774 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1774 Datasheet HTML 1Page - Unisonic Technologies 2SA1774 Datasheet HTML 2Page - Unisonic Technologies 2SA1774 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SA1774
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R221-011,A
ELECTRICAL CHARACTERISTICS CURVES
-0.2
-0.1
BASE TO EMITTER VOLTAGE, VBE (V)
-50
-0.4
0
COLLECTOR TO MITTER VOLTAGE, VCE (V)
-1.2
-2
-2.0
-10
-2
-8
-6
-1.0
Ta=100℃
25℃
.40℃
-10
-0.5
-4
0
-0.8
-1.6
-0.4 -0.6 -0.8
-1.2 -1.4 -1.6
Grounded emitter propagation characteristics
-0.2
-1
-5
-20
VCE= -6V
Grounded emitter output characteristics (I)
Ta=25℃
-31.5
-35.0
-24.5
-28.0
-21.0
-17.5
-14.0
-10.5
-7.0
-3.5μA
IB=0
-0.2
COLLECTOR CURRENT, IC (mA)
500
-1
COLLECTOR TO MITTER VOLTAGE, V CE (V)
-3
-20
-5
-100
100
-80
-60
-5
200
50
-40
0
-2
-4
-0.5
-1
-2
-10 -20
-50
DC current gain vs. collector current (I)
Grounded emitter output characteristics (II)
Ta=25℃
-500
-450
-400
-350
-300
-250
-150
-100
-50μA
IB=0
-200
Ta=25℃
VCE= -5V
-3V
-1V
-100
-0.2
COLLECTOR CURRENT, IC (mA)
-1
-0.5
COLLECTOR CURRENT, IC (mA)
-5
-100
500
-0.1
200
100
-5
-0.2
-0.05
50
-0.2
-2
-20
-0.5
-1
-2
-10 -20
-50
Collector-emitter saturation voltage vs.
collector current (I)
DC current gain vs. collector current (II)
-100
VCE= -6V
Ta=100℃
25℃
-40℃
-1
-10
-50
Ta=25℃
IC/IB=50
20
10
-0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com