Electronic Components Datasheet Search
  English  ▼

X  

2SA1943 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1943
Description  POWER AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1943 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1943 Datasheet HTML 1Page - Unisonic Technologies 2SA1943 Datasheet HTML 2Page - Unisonic Technologies 2SA1943 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC 2SA1943
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
www.unisonic.com.tw
QW-R214-006,A
TYPICAL CHARACTERISTICS
0
-10
-4
0
-20
-16
-20
-8
-8
-12
-2
-4
-6
COLLECTOR-EMITTER VOLTAGE, V CE (V)
IC - VCE
IB = -10mA
COMMON EMITTER
TC =25℃
-30
-40
-50
-100
-150
-200
-250
-400
-600
-800
0
-2.0
-4
0
-25
-16
-20
-1.6
-8
-12
-0.4
-0.8
-1.2
BASE-EMITTER VOLTAGE, VBE (V)
IC - VBE
COMMON EMITTER
VCE = -5V
TC =100℃
25
-0.01
-100
-1
-3
-10
-0.1
-0.3
-0.1
-1
COLLECTOR CURRENT, IC (A)
VCE(sat) - IC
-0.01
-100
-10
-0.1
-1
COLLECTOR CURRENT, IC (A)
hFE - IC
TC =100℃
25
-25
COMMON EMITTER
IC / IB = 10
COMMON EMITTER
VCE = -5V
10
0
300
30
100
25
-25
TC =100℃
-3
-1000
-10
-30
-300
-3
-5
-10
-100
COLLECTOR-EMITTER VOLTAGE, VCE (V)
SAFE OPERATING AREA
DC OPERATION
TC =100℃
-30
-50
-0.3
-0.5
-0.05
-0.1
-1
-0.03
VCEO MAX.
100ms※
10ms※
1ms※
IC MAX. (PULSED)※
※
SINGLE NONREPETITIVE
PULSE TC = 25℃
CURVES MUST BE
DERATED LINEARLY
WITH INCREASE IN
TEMPERATURE.
IC MAX.
(CONTINUOUS)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com