Electronic Components Datasheet Search
  English  ▼

X  

2SB562 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB562
Description  LOW FREQUENCY POWER LOW FREQUENCY POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB562 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB562 Datasheet HTML 1Page - Unisonic Technologies 2SB562 Datasheet HTML 2Page - Unisonic Technologies 2SB562 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SB562
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R211-004,A
LOW FREQUENCY POWER
AMPLIFIER
FEATURES
*Low frequency power amplifier
*Complement to 2SD468
TO-92NL
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
Ic
-1
A
Collector Peak Current
Ic(peak)
-1.5
A
Collector Power Dissipation
PC
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector to base breakdown voltage
V(BR)CBO
Ic=-10
µA, IE=0
-25
V
Collector to emitter breakdown
voltage
V(BR)CEO
Ic=-1mA, RBE=
∞
-20
V
Emitter to base breakdown voltage
V(BR)EBO
IE=-10
µA, IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-20V, IE=0
-1
µA
DC Current transfer ratio
hFE
VCE=-2V, Ic=-0.5A (note)
85
240
Collector to emitter saturation
voltage
VCE(sat)
Ic=-0.8A, IB=-0.08A (note)
-0.2
-0.5
V
Base to emitter voltage
VBE
VCE=-2V, Ic=-0.5A (note)
-0.8
-1.0
V
Gain bandwidth product
fT
VCE=-2V, Ic=-0.5A (note)
350
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
38
pF
Note 1:Pulse test


Similar Part No. - 2SB562

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB562 HITACHI-2SB562 Datasheet
30Kb / 6P
Silicon PNP Epitaxial
logo
TRANSYS Electronics Lim...
2SB562 TEL-2SB562 Datasheet
61Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SB562 SECOS-2SB562 Datasheet
273Kb / 3P
PNP Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
2SB562 MCC-2SB562 Datasheet
224Kb / 4P
PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SB562

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
logo
Jauch Quartz Gmbh
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
Low Power/Low Frequency Oscillator
logo
Fairchild Semiconductor
KSD2058YTU FAIRCHILD-KSD2058YTU Datasheet
51Kb / 4P
Low Frequency Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com