Electronic Components Datasheet Search
  English  ▼

X  

2SB798 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB798
Description  POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB798 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB798 Datasheet HTML 1Page - Unisonic Technologies 2SB798 Datasheet HTML 2Page - Unisonic Technologies 2SB798 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SB798
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R208-020,A
ELECTRICAL CHARACTERISTICS CURVES
0
100
1.0
Ta-Ambient Temperature -
℃
Collector Dissipation vs.
Ambient Temperature
150
0.5
50
200
250
0
1.5
2.0
2.5
When mounted on a ceramic
substrate of 16cm2*0.7mm
-0.4
-0.6
-20
Collector Current vs.
Base to Emitter Voltage
-0.7
-5
-10
-50
-2
-0.5
-0.8
-0.9
-1
-100
-200
-500
-1000
VBE-Base to Emitter Voltage-V
0-4
-40
Collector Current vs.
Collector to Emitter Voltage
-6
-20
-2
-8
-10
0
-60
-80
-100
VCE -Collector to Emitter Voltage -V
-1.0
Ta=75℃
VCE=-0.6V
PULSED
Ta=-25℃
IB =-50μA
IB =0
IB =-100μA
IB =-150μA
IB =-20
0μA
IB =-25
0μA
IB =-30
0μA
IB=-350
μ
A
IB =-40
0μ A
IB =-
450μ
A
0-0.8
-400
Collector Current vs.
Collector to Emitter Voltage
-1.2
-200
-0.4
-1.6
-2.0
0
-600
-800
-1000
VCE -Collector to Emitter Voltage -V
IB =-0.5mA
IB =-1.0mA
I B=-1.5mA
I B=-2.0mA
IB= -2.5mA
IB= -3.0mA
I B= -3.5mA
I B= -4.0mA
IB = -4.5mA
I B= -5.0mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com