Electronic Components Datasheet Search
  English  ▼

X  

TC1271A Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1271A
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271A Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1271A Datasheet HTML 6Page - Microchip Technology TC1271A Datasheet HTML 7Page - Microchip Technology TC1271A Datasheet HTML 8Page - Microchip Technology TC1271A Datasheet HTML 9Page - Microchip Technology TC1271A Datasheet HTML 10Page - Microchip Technology TC1271A Datasheet HTML 11Page - Microchip Technology TC1271A Datasheet HTML 12Page - Microchip Technology TC1271A Datasheet HTML 13Page - Microchip Technology TC1271A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TC1270A/70AN/71A
DS20002035F-page 10
 2007-2022 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C.
FIGURE 2-19:
VOL vs. Temperature
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min./4.63V typ./4.75V max.
@ VDD = 4.5V).
FIGURE 2-20:
VOL vs. Temperature
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min./3.08V typ./3.15V max.
@ VDD = 2.7V).
FIGURE 2-21:
VOL vs. Temperature
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min./2.63V typ./2.70V max.
@ VDD = 1.8V).
FIGURE 2-22:
VOH vs. IOH
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min./4.63V typ./4.75V max.
@ +25°C).
FIGURE 2-23:
VOH vs. IOH
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min./3.08V typ./3.15V max.
@ +25°C).
FIGURE 2-24:
VOH vs. IOH
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min./2.63V typ./2.70V max.
@ +25°C).
0
0.02
0.04
0.06
0.08
0.1
0.12
-40
10
60
110
Temperature (°C)
4 mA
2 mA
1 mA 0.5
0.35 mA
0.2
A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
-40
10
60
110
Temperature (°C)
8 mA
6 mA
4 mA
2 mA 1 mA 0.5
A
0
0.05
0.1
0.15
0.2
-40
10
60
110
Temperature (°C)
4 mA
2 mA
1 mA 0.5
0.35 mA
0.2
A
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
0.00
1.00
2.00
3.00
4.00
5.00
IOH (mA)
5.5V
5.0V
4.8V
4.75V
1.7
1.9
2.1
2.3
2.5
2.7
2.9
01
23
45
IOH (mA)
2.9V
2.7V
2.5V
2
2.5
3
3.5
4
4.5
5
5.5
6
01
23
45
IOH (mA)
5.5V
5.0V
4.5V
4.0V
3.0V
2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com