Electronic Components Datasheet Search
  English  ▼

X  

TC1271ATVRCTR Datasheet(PDF) 18 Page - Microchip Technology

Part # TC1271ATVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ATVRCTR Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC1271ATVRCTR Datasheet HTML 14Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 15Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 16Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 17Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 18Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 19Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 20Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 21Page - Microchip Technology TC1271ATVRCTR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TC1270A/70AN/71A
DS20002035F-page 18
 2007-2022 Microchip Technology Inc. and its subsidiaries
If the VDD is rising as it crosses the VTRIP voltage, the
RST/RST pin is driven inactive after the Reset Delay
Timer elapses. Then, the desired circuitry is released
from Reset and will start to operate in its Normal mode,
or the circuitry has the indication that the VDD is above
the selected VTRIP.
TABLE 4-2:
SELECTING THE TRIP POINT
The
TC1270A/TC1270AN/TC1271A
devices
are
optimized to reject fast transient glitches on the VDD
line. If the low input signal (which is below VTRIP) is not
rejected, the Reset output is driven active within 50 µs
of VDD falling through the Reset voltage threshold.
After the device exits the Reset condition, the delay
circuitry will hold the RST/RST pin active until the
appropriate Reset delay time (tRST) has elapsed.
During device power-up, the input voltage is below the
trip point voltage. The device must enter the valid oper-
ating range for the device to start operation.
4.2.1
HYSTERESIS
There is also a minimal hysteresis (VHYS) on the trip
point. This is so that small noise signals on the device
voltage (VDD) do not cause the Reset pin (RST/RST) to
“jitter” (oscillate between active and inactive levels).
The characterization graphs shown in Figures 2-13
through 2-15 show the device hysteresis as a
percentage of the voltage trip point (VTRIP).
The Reset Delay Timer (tRST) gives a time-based
hysteresis for the system.
4.2.2
POWER-UP/RISING VDD
As the device VDD rises, the device’s Reset circuit will
remain active until the voltage rises above the “actual”
trip point (VTRIP).
Figure 4-7 shows a power-up sequence and the
waveform of the RST and RST pins. As the device
powers up, the voltage will start below the valid
operating voltage of the device. At this voltage, the
RST/RST output is not valid. Once the voltage is above
the minimum operating voltage (1V) and below the
selected VTRIP, the Reset output will be active.
Once the device voltage rises above the VTRIP voltage,
the Reset Delay Timer (tRST) starts. When the Reset
Delay Timer times out, the Reset output (RST/RST) is
driven inactive.
FIGURE 4-7:
RST/RST Pin Operation
Power-up.
4.2.3
POWER-DOWN/BROWN-OUT
As the device powers-down/browns-out, the VDD falls
from a voltage above the devices trip point (VTRIP). The
device will trip at a voltage between the maximum trip
point (VTRIP(MAX)) and the minimum trip point
(VTRIP(MIN)). Once the device voltage (VDD) goes
below this voltage, the RST/RST pin will be forced to
the active state. Table 4-3 shows the state of the RST
or RST pins.
Figure 4-8 shows the waveform of the RST pin as
determined by the VDD voltage. As the VDD voltage falls
from the normal operating point, the device “enters”
Reset by crossing the VTRIP voltage (between
VTRIP(MAX) and VTRIP(MIN)). Then, when VDD voltage
rises, the device “exits” Reset by crossing the VTRIP
voltage (below, or at, VTRIP(MAX)). After the “exit” state
Trip
Voltage
Selection
VTRIP(MAX)(1)/
VTRIP(MIN)(2)
- % From
Regulated Voltage
5.0V
3.3V
3.0V
L
4.75V
5.0%
—
—
4.50V
10.0%
—
—
M4.50V
10.0%
—
—
4.25V
15.0%
—
—
T
3.15V
—
4.5%
—
3.00V
—
9.2%
—
S
3.00V
—
9.2%
—
2.85V
—
13.7%
—
R2.70V
—
—
10.0%
2.55V
—
—
15.0%
Note 1: Voltage regulator circuit must have tighter
tolerance (%) than VTRIP(MAX)% from
regulated voltage.
2: Circuitry being reset must have a wider
tolerance (%) than VTRIP(MIN)% from
regulated voltage.
VTRIP
1V
VDD
tRST(1)
RST(2)
RST
Note 1: Additional system current is consumed
during the tRST time.
2: The TC1270AN requires an external
pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com