Electronic Components Datasheet Search
  English  ▼

X  

TC1271AMAVRCTR Datasheet(PDF) 26 Page - Microchip Technology

Part # TC1271AMAVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271AMAVRCTR Datasheet(HTML) 26 Page - Microchip Technology

Back Button TC1271AMAVRCTR Datasheet HTML 22Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 23Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 24Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 25Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 26Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 27Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 28Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 29Page - Microchip Technology TC1271AMAVRCTR Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
TC1270A/70AN/71A
DS20002035F-page 26
 2007-2022 Microchip Technology Inc. and its subsidiaries
7.0
CUSTOM CONFIGURATIONS
The following Custom Reset Trip Point is available (see Table 7-1).
TABLE 7-1:
CUSTOM TRIP POINT
Table 7-2 shows the codes that specify the desired Reset time out (tRST) for custom devices.
TABLE 7-2:
DELAY TIME OUT ORDERING CODES
Trip Voltage Selection
VTRIP(MAX)/
VTRIP(MIN)
- % From
Regulated Voltage
3.0V
(1)
2.85V
5.0%
2.70V
10.0%
Note 1: Contact your local Microchip sales office for additional information.
Code
Reset Delay
Time (Typ) (ms)
Comment
A
35
Note 1
B
2.19
Note 1
“blank”
280
Delay timings for standard device offerings
Note 1: This delay timing option is not the standard offering. For information on ordering devices with these delay
times, contact your local Microchip sales office. Minimum purchase volumes are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com