Electronic Components Datasheet Search
  English  ▼

X  

AM68A Datasheet(PDF) 39 Page - Texas Instruments

Part # AM68A
Description  AM68x Processors, Silicon Revision 1.0
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM68A Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM68A Datasheet HTML 35Page - Texas Instruments AM68A Datasheet HTML 36Page - Texas Instruments AM68A Datasheet HTML 37Page - Texas Instruments AM68A Datasheet HTML 38Page - Texas Instruments AM68A Datasheet HTML 39Page - Texas Instruments AM68A Datasheet HTML 40Page - Texas Instruments AM68A Datasheet HTML 41Page - Texas Instruments AM68A Datasheet HTML 42Page - Texas Instruments AM68A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 253 page
background image
Table 6-1. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
F17
MCU_OSPI0_CSn3
PADCFG:
WKUP_PADCONFIG_15
0x4301C03C
MCU_OSPI0_CSn3
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_OSPI0_CSn3
1
O
MCU_HYPERBUS0_INTn
2
I
MCU_HYPERBUS0_WPn
3
O
MCU_OSPI0_RESET_OUT1
5
O
MCU_OSPI0_ECC_FAIL
6
I
WKUP_GPIO0_30
7
IO
C19
MCU_OSPI0_D0
PADCFG:
WKUP_PADCONFIG_3
0x4301C00C
MCU_OSPI0_D0
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ0
1
IO
WKUP_GPIO0_19
7
IO
BOOTMODE00
BOOTS
TRAP
I
F16
MCU_OSPI0_D1
PADCFG:
WKUP_PADCONFIG_4
0x4301C010
MCU_OSPI0_D1
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ1
1
IO
WKUP_GPIO0_20
7
IO
BOOTMODE01
BOOTS
TRAP
I
G15
MCU_OSPI0_D2
PADCFG:
WKUP_PADCONFIG_5
0x4301C014
MCU_OSPI0_D2
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ2
1
IO
WKUP_GPIO0_21
7
IO
F18
MCU_OSPI0_D3
PADCFG:
WKUP_PADCONFIG_6
0x4301C018
MCU_OSPI0_D3
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ3
1
IO
WKUP_GPIO0_22
7
IO
E19
MCU_OSPI0_D4
PADCFG:
WKUP_PADCONFIG_7
0x4301C01C
MCU_OSPI0_D4
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ4
1
IO
WKUP_GPIO0_23
7
IO
BOOTMODE02
BOOTS
TRAP
I
G19
MCU_OSPI0_D5
PADCFG:
WKUP_PADCONFIG_8
0x4301C020
MCU_OSPI0_D5
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ5
1
IO
WKUP_GPIO0_24
7
IO
BOOTMODE03
BOOTS
TRAP
I
F19
MCU_OSPI0_D6
PADCFG:
WKUP_PADCONFIG_9
0x4301C024
MCU_OSPI0_D6
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV1_M
CU
Yes
LVCMOS
No
MCU_HYPERBUS0_DQ6
1
IO
WKUP_GPIO0_25
7
IO
www.ti.com
AM68A, AM68
SPRSP91A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM68A AM68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com