Electronic Components Datasheet Search
  English  ▼

X  

CD74HC112 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC112
Description  CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC112 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC112 Datasheet HTML 3Page - Texas Instruments CD74HC112 Datasheet HTML 4Page - Texas Instruments CD74HC112 Datasheet HTML 5Page - Texas Instruments CD74HC112 Datasheet HTML 6Page - Texas Instruments CD74HC112 Datasheet HTML 7Page - Texas Instruments CD74HC112 Datasheet HTML 8Page - Texas Instruments CD74HC112 Datasheet HTML 9Page - Texas Instruments CD74HC112 Datasheet HTML 10Page - Texas Instruments CD74HC112 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
5.6 Switching Characteristics
tr, tf = 6 ns
PARAMETER
VCC (V)
25
℃
–40
℃ to 85℃
–55
℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tPLH, tPHL
Propagation delay,
CLK to Q, Q
2
175
220
265
ns
4.5
14
(3)
35
44
53
6
30
37
45
tPLH, tPHL
Propagation delay,
PRE to Q, Q
2
155
195
235
ns
4.5
13
(3)
31
39
47
6
26
33
40
tPLH, tPHL
Propagation delay,
CLR to Q, Q
2
180
225
270
ns
4.5
15
(3)
36
45
54
6
31
38
46
tTLH, tTHL
Output transition time
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
CI
Input capacitance
10
10
10
pF
fMAX
CLK frequency
5
60
(3)
MHz
CPD
Power dissipation
capacitance(1) (2)
5
12
(4)
pF
HCT TYPES
tPLH, tPHL
Propagation delay,
CLK to Q, Q
4.5
14
(3)
35
44
53
ns
tPLH, tPHL
Propagation delay,
PRE to Q, Q
4.5
13
(3)
32
40
48
ns
tPLH, tPHL
Propagation delay,
CLR to Q, Q
4.5
14
(3)
37
46
56
ns
tTLH, tTHL
Output transition time
4.5
15
19
22
ns
CI
Input capacitance
10
10
10
pF
fMAX
CLK frequency
5
60
(3)
MHz
CPD
Power dissipation
capacitance(1) (2)
5
20
(4)
pF
(1)
CPD is used to determine the dynamic power consumption, per flip-flop.
(2)
PD = CPD VCC 2 fi + ∑ CL fo where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
(3)
CL = 15 pF and VCC = 5 V.
(4)
VCC = 5 V.
www.ti.com
CD54HC112, CD74HC112, CD54HCT112, CD74HCT112
SCHS141J – MARCH 1998 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC112 CD74HC112 CD54HCT112 CD74HCT112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com