Electronic Components Datasheet Search
  English  ▼

X  

CDCDB803RSLR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803RSLR
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB803RSLR Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCDB803RSLR Datasheet HTML 17Page - Texas Instruments CDCDB803RSLR Datasheet HTML 18Page - Texas Instruments CDCDB803RSLR Datasheet HTML 19Page - Texas Instruments CDCDB803RSLR Datasheet HTML 20Page - Texas Instruments CDCDB803RSLR Datasheet HTML 21Page - Texas Instruments CDCDB803RSLR Datasheet HTML 22Page - Texas Instruments CDCDB803RSLR Datasheet HTML 23Page - Texas Instruments CDCDB803RSLR Datasheet HTML 24Page - Texas Instruments CDCDB803RSLR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
9.2.2 Detailed Design Procedure
The following items must be determined before starting design of a CDCDB803 socket:
• Output Enable Control Method
• SMBus address
9.2.2.1 Output Enable Control Method
The device provides an option to either use SMBus programmed registers (software) to control the outputs or by
using the hardware OE# pins. In case of using software to control the outputs, the hardware OE# pins can be left
floating as each of these pins have a pulldown to ground. Refer to Table 8-2 and the Register Maps section for
more information on programming the register.
When the user wants to control the outputs with the hardware OE# pins, they can do so for example by
connecting these pins to a GPIO controller and follow the Pin Configuration and Functions section to set the
outputs to HIGH/LOW. The bits OUT_EN_CLK7 to OUT_EN_CLK0 used to control the outputs are shown in
registers OECR1 (Table 8-7) and OECR2 (Table 8-8). These register bits are set to 1 by default to ensure that
the outputs are "software enabled" and their state is therefore set by hardware OE# pins.
9.2.2.2 SMBus Address
An SMBus address should be selected from the listed potential addresses in Table 8-1. The appropriate pullup or
pulldown resistor should be placed on the SADRx pins as indicated in the table. Ensure the SMBus address is
not already in use to avoid conflict.
9.2.3 Application Curves
Figure 6-1 in the Typical Characteristics section can be used as both an application curve and a typical
characteristics plot in this example.
The Figure 9-2 and Figure 9-3 show characterization data for the Output slew rate for various CAPTRIM codes
and across temperature. Customers can use these plots as reference for choosing the appropriate output slew
rate based on their system requirement.
.
Figure 9-2. Output Slew Rate vs. CAPTRIM Code
Temperature (qC)
120
100
80
60
40
20
0
-20
-40
-60
0
1
2
3
4
5
6
7
D002
0 - 3.3 V
1 - 3.3 V
2 - 3.3 V
3 - 3.3 V
4 - 3.3 V
5 - 3.3 V
6 - 3.3 V
7 - 3.3 V
8 - 3.3 V
9 - 3.3 V
10 - 3.3 V
11 - 3.3 V
12 - 3.3 V
13 - 3.3 V
.
Figure 9-3. Slew Rate Variation Across
Temperature for Different CAPTRIM Code
www.ti.com
CDCDB803
SNAS820A – AUGUST 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com