Electronic Components Datasheet Search
  English  ▼

X  

2SC1384 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC1384
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC1384 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC1384 Datasheet HTML 1Page - Unisonic Technologies 2SC1384 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC2SC1384
NPN EPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R202-001,A
NPN EPITAXIAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC 2SC1384 is power amplifier and driver.
FEATURES
*Low VCE(sat)
*2~3W output in complementary pair with 2SA684
TO-92L
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Peak Collector Current
Icp
1.5
A
Collector Current(DC)
Ic
1
A
Collector Dissipation( Ta=25
°C)
Pc
1
W
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Remark: Patting type:Pj=750mW
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Cut-Off Current
ICBO
VCB=20V,IE=0
0.1
µA
Collector-Base Voltage
VCBO
Ic=10
µA,IE=0
60
V
Collector-Emitter Voltage
VCEO
Ic=2mA,IB=0
50
V
Emitter-Base Voltage
VEBO
IE=10
µA,Ic=0
5
V
DC Current Gain
hFE1
hFE2
VCE=10V,Ic=500mA
VCE=5V,IB=1A
85
50
160
100
340
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=0.5A,IB=50mA
0.2
0.4
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=0.5A,IB=50mA
0.85
1.2
V
Current Gain Bandwidth Product
fT
VCE=10V,IB=50mA
200
MHz
Output Capacitance
Cob
VCB=10V,IE=0,f=1MHz
11
20
pF


Similar Part No. - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1384 PANASONIC-2SC1384 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
Weitron Technology
2SC1384 WEITRON-2SC1384 Datasheet
314Kb / 5P
NPN General Purpose Transistors
logo
TRANSYS Electronics Lim...
2SC1384 TEL-2SC1384 Datasheet
62Kb / 1P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC1384 SECOS-2SC1384 Datasheet
146Kb / 3P
NPN Silicon General Purpose Transistor
logo
Daya Electric Group Co....
2SC1384 DAYA-2SC1384 Datasheet
174Kb / 3P
TO-92L Plastic-Encapsulate Transistors
More results

Similar Description - 2SC1384

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GJ31C GTM-GJ31C Datasheet
132Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com