Electronic Components Datasheet Search
  English  ▼

X  

LM158 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM158
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158 Datasheet(HTML) 4 Page - Texas Instruments

  LM158 Datasheet HTML 1Page - Texas Instruments LM158 Datasheet HTML 2Page - Texas Instruments LM158 Datasheet HTML 3Page - Texas Instruments LM158 Datasheet HTML 4Page - Texas Instruments LM158 Datasheet HTML 5Page - Texas Instruments LM158 Datasheet HTML 6Page - Texas Instruments LM158 Datasheet HTML 7Page - Texas Instruments LM158 Datasheet HTML 8Page - Texas Instruments LM158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
5 Pin Configuration and Functions
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Figure 5-1. D, DDF, DGK, P, PS, PW, and JG
Package
8-Pin SOIC, SOT23-8, VSSOP, PDIP, SO, TSSOP,
and CDIP
Top View
4
NC
5
IN1±
6
NC
7
IN1+
8
NC
14
NC
15
IN2±
16
NC
17
OUT2
18
NC
Not to scale
NC - No internal connection
Figure 5-2. FK Package
20-Pin LCCC
Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
LCCC(1)
SOIC, SOT23-8, VSSOP, CDIP,
PDIP, SO, TSSOP, CFP(1)
IN1–
5
2
I
Negative input
IN1+
7
3
I
Positive input
IN2–
15
6
I
Negative input
IN2+
12
5
I
Positive input
OUT1
2
1
O
Output
OUT2
17
7
O
Output
V–
10
4
—
Negative (lowest) supply or ground (for single-
supply operation)
NC
1, 3, 4, 6, 8, 9, 11,
13, 14, 16, 18, 19
—
—
No internal connection
V+
20
8
—
Positive (highest) supply
(1)
For a listing of which devices are available in what packages, see Section 3.
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com