Electronic Components Datasheet Search
  English  ▼

X  

LM258DR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM258DR
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM258DR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM258DR Datasheet HTML 20Page - Texas Instruments LM258DR Datasheet HTML 21Page - Texas Instruments LM258DR Datasheet HTML 22Page - Texas Instruments LM258DR Datasheet HTML 23Page - Texas Instruments LM258DR Datasheet HTML 24Page - Texas Instruments LM258DR Datasheet HTML 25Page - Texas Instruments LM258DR Datasheet HTML 26Page - Texas Instruments LM258DR Datasheet HTML 27Page - Texas Instruments LM258DR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
6.12 Typical Characteristics: LM158, LM158A, LM258, LM258A, LM358, LM358A, LM2904, and
LM2904V (continued)
Typical characteristics section is applicable for LM158, LM158A, LM258, LM258A, LM358, LM358A, LM2904, and LM2904V.
0
2.5
5
7.5
10
12.5
15
17.5
20
1
10
100
1k
Frequency (kHz)
Figure 6-45. Maximum Output Swing vs Frequency (VCC = 15 V)
1
2
3
4
5
6
7
8
0.001
0.01
0.1
1
10
100
Output Sink Current (mAdc)
Figure 6-46. Output Sourcing Characteristics
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
Output Sink Current (mAdc)
5Vdc
15Vdc
30Vdc
Figure 6-47. Output Sinking Characteristics
0
10
20
30
40
50
60
70
80
90
–55
–35
–15
5
25
45
65
85
105
125
Temperature (°C)
Figure 6-48. Source Current Limiting
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com