Electronic Components Datasheet Search
  English  ▼

X  

SN74LS240DB Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74LS240DB
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240DB Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74LS240DB Datasheet HTML 13Page - Texas Instruments SN74LS240DB Datasheet HTML 14Page - Texas Instruments SN74LS240DB Datasheet HTML 15Page - Texas Instruments SN74LS240DB Datasheet HTML 16Page - Texas Instruments SN74LS240DB Datasheet HTML 17Page - Texas Instruments SN74LS240DB Datasheet HTML 18Page - Texas Instruments SN74LS240DB Datasheet HTML 19Page - Texas Instruments SN74LS240DB Datasheet HTML 20Page - Texas Instruments SN74LS240DB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
17
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
www.ti.com
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions. Each VCC pin must have a good bypass capacitor to prevent power
disturbance. For devices with a single supply, TI recommends a 0.1-µF bypass capacitor. If there are multiple
VCC pins, TI recommends a 0.01-µF or 0.022-µF bypass capacitors for each power pin. It is acceptable to parallel
multiple bypass capacitors to reject different frequencies of noise. Two bypass capacitors of value 0.1 µF and
1 µF are commonly used in parallel. For best results, install the bypass capacitor(s) as close to the power pin as
possible.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs must not be left floating. In many applications, some channels of the
SNx4LS24x, SNx4S24x are unused, and thus must be terminated properly. Because each transceiver channel
pin can be either an input or an output, they must be treated as both when being terminated. Ground or VCC
(whichever is more convenient) can be used to terminate unused inputs; however, each unused channel should
be terminated to the same logic level on both the A and Y side. For example, in Figure 27 unused channels are
terminated correctly with both sides connected to the same voltage, while channel 8 is terminated incorrectly with
each side being tied to a different voltage. The G input is also unused in this example, and is terminated directly
to ground to permanently enable all outputs.
11.2 Layout Example
Figure 27. Example Demonstrating How to Terminate Unused Inputs and Channels of a Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com