Electronic Components Datasheet Search
  English  ▼

X  

SN74LS240DBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS240DBR
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LS240DBR Datasheet HTML 2Page - Texas Instruments SN74LS240DBR Datasheet HTML 3Page - Texas Instruments SN74LS240DBR Datasheet HTML 4Page - Texas Instruments SN74LS240DBR Datasheet HTML 5Page - Texas Instruments SN74LS240DBR Datasheet HTML 6Page - Texas Instruments SN74LS240DBR Datasheet HTML 7Page - Texas Instruments SN74LS240DBR Datasheet HTML 8Page - Texas Instruments SN74LS240DBR Datasheet HTML 9Page - Texas Instruments SN74LS240DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
Electrical Characteristics – SNx4S24x (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
(3)
Not more than one output must be shorted at a time, and duration of the short-circuit must not exceed one second.
IOZH
VCC = MAX, VIL = 0.8 V, VIH = 2 V, VO = 2.4 V
50
µA
IOZL
VCC = MAX, VIL = MAX, VIH = 2 V, VO = 0.5 V
–50
µA
II
VCC = MAX, VI = 5.5 V
1
mA
IIH
VCC = MAX, VI = 2.7 V
50
µA
IIL
VCC = MAX, VIL = 0.5 V
Any A
–400
µA
Any G
–2
mA
IOS
(3)
VCC = MAX
–50
–225
mA
ICC
VCC = MAX, output open
Outputs high
SN54S240
80
123
mA
SN74S240
80
135
SN54S241, SN54S244
95
147
SN74S241, SN74S244
95
160
Outputs low
SN54S240
100
145
SN74S240
100
150
SN54S241, SN54S244
120
170
SN74S241, SN74S244
120
180
Outputs disabled
SN54S240
100
145
SN74S240
100
150
SN54S241, SN54S244
120
170
SN74S241, SN74S244
120
180
6.7 Switching Characteristics – SNx4LS24x
VCC = 5 V, TA = 25°C (see SN54LS24x and SN74LS24x Devices)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
RL = 667 Ω, CL = 45 pF
SNx4LS240
9
14
ns
SNx4LS241, SNx4LS244
12
18
tPHL
RL = 667 Ω, CL = 45 pF
12
18
ns
tPZL
RL = 667 Ω, CL = 45 pF
20
30
ns
tPZH
RL = 667 Ω, CL = 45 pF
15
23
ns
tPLZ
RL = 667 Ω, CL = 5 pF
10
20
ns
tPHZ
RL = 667 Ω, CL = 5 pF
15
25
ns
6.8 Switching Characteristics – SNx4S24x
VCC = 5 V and TA = 25°C (see SN54S24x and SN74S24x Devices)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
RL = 90 Ω, CL = 50 pF
SNx4S240
4.5
7
ns
SNx4S241, SNx4S244
6
9
tPHL
RL = 90 Ω, CL = 50 pF
SNx4S240
4.5
7
ns
SNx4S241, SNx4S244
6
9
tPZL
RL = 90 Ω, CL = 50 pF
10
15
ns
tPZH
RL = 90 Ω, CL = 50 pF
SNx4S240
6.5
10
ns
SNx4S241, SNx4S244
8
12
tPLZ
RL = 90 Ω, CL = 5 pF
10
15
ns
tPHZ
RL = 90 Ω, CL = 5 pF
6
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com