Electronic Components Datasheet Search
  English  ▼

X  

2SC2625 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2625
Description  HIGH VOLTAGE HIGH SPEED SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2625 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2625 Datasheet HTML 1Page - Unisonic Technologies 2SC2625 Datasheet HTML 2Page - Unisonic Technologies 2SC2625 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO.,LTD
2SC2625
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co.,LTD
QW-R214-009,B
HIGH VOLTAGE HIGH
SPEED SWITCHING
FEATURES
* High voltage, high speed switching
* High reliability
TO-3P
1
*Pb-free plating product number: 2SC2625L
PIN INFORMATION
PIN NO.
PIN NAME
1
Base
2
Collector
3
Emitter
ORDERING INFORMATION
Order Number
Normal
Lead free plating
Package
Packing
2SC2625-T3P-T
2SC2625L-T3P-T
TO-3P
Tube


Similar Part No. - 2SC2625

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
logo
List of Unclassifed Man...
2SC2625 ETC-2SC2625 Datasheet
105Kb / 1P
MOLD TYPE BIPOLAR TRANSISTORS
logo
Fuji Electric
2SC2625 FUJI-2SC2625 Datasheet
106Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC2625 ETC1-2SC2625 Datasheet
81Kb / 2P
High speed switching transistor
logo
Savantic, Inc.
2SC2625 SAVANTIC-2SC2625 Datasheet
216Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2625

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
High Speed High Voltage Switching
KSC2335 FAIRCHILD-KSC2335 Datasheet
52Kb / 4P
High Speed, High Voltage Switching
KSC2518 FAIRCHILD-KSC2518 Datasheet
47Kb / 5P
High Speed, High Voltage Switching
logo
List of Unclassifed Man...
2SC3724 ETC-2SC3724 Datasheet
46Kb / 1P
HIGH VOLTAGE, HIGH SPEED SWITCHING
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
HIGH VOLTAGE HIGH SPEED SWITCHING
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
HIGH VOLTAGE HIGH SPEED SWITCHING
logo
Inchange Semiconductor ...
2SC3738 ISC-2SC3738 Datasheet
196Kb / 2P
High Voltage, High Speed Switching
BU4508AF ISC-BU4508AF Datasheet
190Kb / 2P
High-voltage high-speed switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com