Electronic Components Datasheet Search
  English  ▼

X  

D53LC Datasheet(PDF) 1 Page - TOKO, Inc

Part # D53LC
Description  Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

D53LC Datasheet(HTML) 1 Page - TOKO, Inc

  D53LC Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 面実装
づけ
用 固定インダクタ
Inductance Range:
1.1~220µH
SELECTION GUIDE FOR STANDARD COILS
DIMENSIONS/外形寸法図
FEATURES/特 長
D53LC
Recommended patterns
推奨パターン図
□
5.2 Max.
3.0 Max.
0.15
方向表示
Direction indication
• Low profile (5.2mm Max. square, 3.0mm Max. height).
• Magnetically shielded construction and low DC resistance.
• Suitable for large currents.
• Ideal for a variety of DC-DC converter inductor applications.
• RoHS compliant.
• 小型薄形構造(5.2mm角Max.、高さ3.0mm Max.)
• 閉磁路構造、低直流抵抗
• 大電流対応
• 各種機器のDC-DCコンバータ用インダクタに最適
• RoHS指令対応
6.0
4.0
(Unit: mm)
(Unit: mm)
TYPE D53LC (High current Type 大電流タイプ, Quantity/reel; 2,000 PCS)
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
#A915AY-1R1M
1.1
± 20
20 (16)
3.38 (4.50)
3.87 (5.17)
3.46 (4.07)
#A915AY-2R0M
2.0
± 20
27 (22)
2.53 (3.38)
2.92 (3.90)
2.80 (3.30)
#A915AY-3R3M
3.3
± 20
34 (29)
2.01 (2.68)
2.36 (3.15)
2.40 (2.83)
#A915AY-4R7M
4.7
± 20
45 (38)
1.52 (2.03)
1.87 (2.49)
2.13 (2.51)
#A915AY-6R8M
6.8
± 20
68 (57)
1.24 (1.66)
1.51 (2.01)
1.75 (2.06)
#A915AY-100M
10.0
± 20
90 (75)
1.09 (1.46)
1.33 (1.77)
1.49 (1.76)
#A915AY-150M
15.0
± 20
142 (118)
0.88 (1.17)
1.05 (1.40)
1.16 (1.37)
#A915AY-220M
22.0
± 20
208 (173)
0.71 (0.95)
0.86 (1.15)
0.86 (1.01)
#A915AY-330M
33.0
± 20
257 (214)
0.61 (0.81)
0.72 (0.96)
0.80 (0.94)
#A915AY-470M
47.0
± 20
352 (293)
0.53 (0.71)
0.62 (0.83)
0.68 (0.80)
#A915AY-680M
68.0
± 20
525 (437)
0.43 (0.57)
0.51 (0.68)
0.55 (0.65)
#A915AY-101M
100.0
± 20
801 (667)
0.37 (0.49)
0.43 (0.58)
0.46 (0.55)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
DC
Resistance(2)
(mΩ) Max.
(Typ.)
Inductance Decrease Current(3)
(A) Max. (Typ.)
=10%
=30%
∆L
L
∆L
L
Tolerance
(%)
TYPE D53LC (Low DC resistance Type 低直流抵抗タイプ, Quantity/reel; 2,000 PCS)
#A915BY-4R7M
4.7
± 20
35 (29)
0.91 (1.21)
1.13 (1.51)
2.31 (2.72)
#A915BY-6R8M
6.8
± 20
50 (42)
0.81 (1.08)
0.99 (1.32)
1.93 (2.27)
#A915BY-100M
10.0
± 20
67 (56)
0.59 (0.79)
0.74 (0.99)
1.60 (1.88)
#A915BY-150M
15.0
± 20
97 (81)
0.45 (0.60)
0.58 (0.77)
1.36 (1.60)
#A915BY-220M
22.0
± 20
135 (112)
0.40 (0.54)
0.51 (0.68)
1.19 (1.40)
#A915BY-330M
33.0
± 20
206 (172)
0.33 (0.45)
0.41 (0.55)
0.92 (1.09)
#A915BY-470M
47.0
± 20
268 (224)
0.27 (0.36)
0.34 (0.46)
0.80 (0.94)
#A915BY-680M
68.0
± 20
371 (309)
0.23 (0.30)
0.29 (0.39)
0.68 (0.80)
#A915BY-101M
100.0
± 20
569 (474)
0.21 (0.28)
0.26 (0.35)
0.54 (0.64)
#A915BY-151M
150.0
± 20
940 (785)
0.18 (0.23)
0.21 (0.28)
0.40 (0.47)
#A915BY-221M
220.0
± 20
1200 (995)
0.15 (0.20)
0.18 (0.24)
0.35 (0.41)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3)Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1)インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2)直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より30%減少する直流電流値、または直流電流により、コイル
の温度が40℃上昇の何れか小さい値です。(周囲温度20℃を基準とす
る。)
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
DC
Resistance(2)
(mΩ) Max.
(Typ.)
Inductance Decrease Current(3)
(A) Max. (Typ.)
=10%
=30%
∆L
L
∆L
L
Tolerance
(%)


Similar Part No. - D53LC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
Ferrite Inductors
More results

Similar Description - D53LC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com