Electronic Components Datasheet Search
  English  ▼

X  

2SC2688 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2688
Description  NPN SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2688 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2688 Datasheet HTML 1Page - Unisonic Technologies 2SC2688 Datasheet HTML 2Page - Unisonic Technologies 2SC2688 Datasheet HTML 3Page - Unisonic Technologies 2SC2688 Datasheet HTML 4Page - Unisonic Technologies 2SC2688 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC2688
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R204-023,A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
300
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current
IC
200
mA
Ta=25℃
1.25
W
Total Power Dissipation
TC=25℃
PD
10
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Saturation Voltage
VCE(SAT)
IC=20mA, IB=5.0mA
1.5
V
Collector Cutoff Current
ICBO
VCB=200V, IE=0
100
nA
Emitter Cutoff Current
IEBO
VEB=5.0V, IC=0
100
nA
DC Current Gain
hFE
VCE=10V, IC=10mA
40
80
250
Gain Bandwidth Product
fT
VCE=30V, IE=-10mA
50
80
MHz
Feedback Capacitance
Cre
VCB=30V, IE=0, f=1.0MHz
3
pF
Note 1. * Pulsed PW ≤ 350µs, Duty Cycle ≤ 2%
CLASSIFICATION OF hFE
Rank
N
M
L
K
Range
40 ~ 80
60 ~ 120
100 ~ 200
16 ~ 250



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com