Electronic Components Datasheet Search
  English  ▼

X  

2SC2881 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2881
Description  VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2881 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2881 Datasheet HTML 1Page - Unisonic Technologies 2SC2881 Datasheet HTML 2Page - Unisonic Technologies 2SC2881 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SC2881 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R208-032,A
VOLTAGE AMPLIFIER
APPLICATIONS POWER
AMPLIFIER APPLICATIONS
FEATURES
* High voltage: VCEO= 120V
* High transition frequency: fT=120MHz(typ.)
* Pc=1.0 ~ 2.0 W(mounted on ceramic substrate)
* Complementary to 2SA1201
SOT-89
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
800
mA
Base current
IB
160
mA
PC
500
Collector power dissipation
PC(Note 1)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Note 1: Mounted on ceramic substrate( 250mm2×0.8t )
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX UNIT
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
120
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA, Ic=0
5
V
Collector cut-off current
ICBO
VCB=120V, IE=0
0.1
μ
A
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μ
A
DC current gain
hFE
VCE=5V, IC=100mA
80
240
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
1.0
V
Base-emitter voltage
VBE
VCE=5V, IC=500mA
1.0
V
Transition frequency
fT
VCE=5V, IC=100mA
120
MHz
Collector output capacitance
Cob
VCB=10V, f=1MHz, IE=0
30
pF
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
80 - 160
120 - 240


Similar Part No. - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
159Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2881 KEXIN-2SC2881 Datasheet
357Kb / 2P
Voltage Amplifier Applications
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SC2881 HTSEMI-2SC2881 Datasheet
340Kb / 1P
TRANSISTOR (NPN)
logo
WILLAS ELECTRONIC CORP
2SC2881 WILLAS-2SC2881 Datasheet
199Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA817A TOSHIBA-2SA817A_07 Datasheet
122Kb / 4P
Driver-Stage Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1201 KEXIN-2SA1201 Datasheet
366Kb / 2P
Voltage Amplifier Applications
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
SHIKUES Electronics
2SC2881 SKTECHNOLGY-2SC2881 Datasheet
381Kb / 2P
Voltage Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com