Electronic Components Datasheet Search
  English  ▼

X  

2SC3834 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3834
Description  SWITCH NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3834 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3834 Datasheet HTML 1Page - Unisonic Technologies 2SC3834 Datasheet HTML 2Page - Unisonic Technologies 2SC3834 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SC3834
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R203-026,A
SWITCH NPN TRANSISTOR
DESCRIPTION
The UTC 2SC3834 is an epitaxial planar type NPN silicon
transistor.
APLLICATION
*Humidifier,DC-DC converter,and general purpose.
TO-220
1
1: BASE 2:COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
8
V
Base Current
IB
3
A
Collector Current (PULSE)
Ic
7
A
Collector Power Dissipation( Tc=25
°C )
Pc
50
W
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Breakdown Voltage
BVCEO
Ic= 50mA
120
V
Collector Cut-Off Current
ICBO
VCB=200V, IE=0
100
μ
A
Emitter Cut-Off Current
IEBO
VEB= 8V, Ic =0
100
μ
A
DC Current Transfer Ratio
hFE
VCE= 4V,Ic= 3A
70
220
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=3A ,IB=0.3A
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=3A ,IB=0.3A
1.2
V
Transition Frequency
fT
VCE=12V,IE=-0.5mA,f=100MHz
30
MHz
Output Capacitance
Cob
VCB= 10V, IE= 0 A,f=1MHz
110
pF
TYPE SWITCHING CHARACTERISTCS (Common Emitter)
Vcc(V)
RL(Ω)
Ic (A)
VBB1(V)
VBB2(V)
IB1(A)
IB2(A)
Ton(μA) Tstg(μA)
Tf (μA)
50
16.7
3
10
-5
0.3
-0.6
0.5(max)
3.0(max)
0.5(max)


Similar Part No. - 2SC3834

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3834 SANKEN-2SC3834 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
logo
Savantic, Inc.
2SC3834 SAVANTIC-2SC3834 Datasheet
134Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3834 JMNIC-2SC3834 Datasheet
124Kb / 3P
Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
199Kb / 4P
SWITCH NPN TRANSISTOR
logo
Inchange Semiconductor ...
2SC3834 ISC-2SC3834 Datasheet
307Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC3834

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP176 CENTRAL-CP176 Datasheet
203Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
CP208 CENTRAL-CP208 Datasheet
203Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
CP211 CENTRAL-CP211 Datasheet
218Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
CP312 CENTRAL-CP312 Datasheet
213Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
logo
Unisonic Technologies
2SC3835 UTC-2SC3835 Datasheet
122Kb / 4P
SWITCH NPN TRANSISTOR
logo
Central Semiconductor C...
CP208 CENTRAL-CP208_10 Datasheet
395Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
CP211 CENTRAL-CP211_10 Datasheet
478Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
CP312 CENTRAL-CP312_10 Datasheet
473Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
logo
Unisonic Technologies
2SC3834 UTC-2SC3834_09 Datasheet
199Kb / 4P
SWITCH NPN TRANSISTOR
logo
Central Semiconductor C...
CP396V-2N2369A CENTRAL-CP396V-2N2369A Datasheet
794Kb / 3P
NPN - Saturated Switch Transistor Die
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com