Electronic Components Datasheet Search
  English  ▼

X  

2SD1609 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1609
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1609 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1609 Datasheet HTML 1Page - Unisonic Technologies 2SD1609 Datasheet HTML 2Page - Unisonic Technologies 2SD1609 Datasheet HTML 3Page - Unisonic Technologies 2SD1609 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC 2SD1609 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R204-008,A
NPN EPITAXIAL PLANAR
TRANSISTOR
FEATURES
* Low frequency high voltage amplifier
TO-126
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Collector-Base Voltage
BVCBO
160
V
Collector-Emitter Voltage
BVCEO
160
V
Emitter-Base Voltage
BVEBO
5
V
Collector Current
Ic
100
mA
Total Power Dissipation (Ta=25°C)
Ptot
1.25
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-50
150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Voltage
BVCBO
IC=10µA
160
V
Collector-Emitter Voltage
BVCEO
IC=1mA
160
V
Emitter-Base Voltage
BVEBO
IE=10µA
5
V
Collector Cut-off Current
ICBO
VCB=140V
10
µA
DC Current Gain
hFE1
hFE2
VCE=5V, Ic=10mA
VCE=5V, Ic=1mA
60
30
320
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=30mA, IB=3mA
2
V
Base-Emitter On Voltage
VBE(on)
VCE=5V, Ic=10mA
1.5
V
Current Gain Bandwidth Product
fT
VCE=5V,Ic=10mA
145
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
3.8
pF
CLASSIFICATION OF hFE1
RANK
B
C
D
RANGE
60-120
100-200
160-320


Similar Part No. - 2SD1609

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1609 HITACHI-2SD1609 Datasheet
32Kb / 6P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SD1609 ISC-2SD1609 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
2SD1609 FOSHAN-2SD1609 Datasheet
941Kb / 6P
Silicon NPN transistor in a TO-126 Plastic Package.
logo
Unisonic Technologies
2SD1609 UTC-2SD1609_15 Datasheet
89Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SD1609

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GJ31C GTM-GJ31C Datasheet
132Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com