Electronic Components Datasheet Search
  English  ▼

X  

7B35 Datasheet(PDF) 5 Page - Analog Devices

Part # 7B35
Description  Isolated Process Current Input with Loop Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B35 Datasheet(HTML) 5 Page - Analog Devices

  7B35 Datasheet HTML 1Page - Analog Devices 7B35 Datasheet HTML 2Page - Analog Devices 7B35 Datasheet HTML 3Page - Analog Devices 7B35 Datasheet HTML 4Page - Analog Devices 7B35 Datasheet HTML 5Page - Analog Devices 7B35 Datasheet HTML 6Page - Analog Devices 7B35 Datasheet HTML 7Page - Analog Devices 7B35 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7B35
Rev. 0 | Page 5 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 7B35 Input Field Connections
Table 1. Pin Function Descriptions—
Pin
No.
Input Module Function
Output Module Function
0
SENSOR INPUT
NOT USED
1
INPUT HIGH
OUTPUT HIGH
2
INPUT LOW
OUTPUT LOW
3
POWER SUPPLY (DC)
POWER SUPPLY (DC)
4
OUTPUT VOLTAGE
INPUT VOLTAGE
5
OUTPUT & POWER
COMMON
INPUT AND POWER
COMMON
Figure 4 . Model 7B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without detection. Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com