Electronic Components Datasheet Search
  English  ▼

X  

2SD2470 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD2470
Description  STROBO AND DC/DC CONVERTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD2470 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD2470 Datasheet HTML 1Page - Unisonic Technologies 2SD2470 Datasheet HTML 2Page - Unisonic Technologies 2SD2470 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2470
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R216-003,D
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
10
V
Emitter-Base Voltage
VEBO
10
V
Collector Current (DC)
IC
5
A
Collector Current (PULSE)*
ICP
8
A
Collector Power Dissipation
PC
0.4
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
* Single Pulse =10ms
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Breakdown Voltage
BVCBO
IC= 50µA
15
V
Collector Emitter Breakdown Voltage
BVCEO
IC= 1mA
10
V
Emitter Base Breakdown Voltage
BVEBO
IE=50µA
10
V
Collector Cut-Off Current
ICBO
VCB=10V, IE=0
0.1
µA
Emitter Cut-Off Current
IEBO
VEB= 8V, IC=0
0.5
µA
DC Current Gain
hFE
VCE= 2V, IC= 2A
270
820
Collector-Emitter Saturation Voltage
VCE(SAT) IC/IB=3A /0.1A
0.25
0.5
V
Transition Frequency
fT
VCE=6V, IE=0.05A, f=100MHz
170
MHz
Output Capacitance
Cob
VCB= 10V, IE= 0 A, f=1MHz
30
pF
CLASSIFICATION OF hFE
RANK
S
E
RANGE
270~560
450~820



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com