Electronic Components Datasheet Search
  English  ▼

X  

LM2904W Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2904W
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2904W Datasheet HTML 7Page - STMicroelectronics LM2904W Datasheet HTML 8Page - STMicroelectronics LM2904W Datasheet HTML 9Page - STMicroelectronics LM2904W Datasheet HTML 10Page - STMicroelectronics LM2904W Datasheet HTML 11Page - STMicroelectronics LM2904W Datasheet HTML 12Page - STMicroelectronics LM2904W Datasheet HTML 13Page - STMicroelectronics LM2904W Datasheet HTML 14Page - STMicroelectronics LM2904W Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM2904W
Electrical characteristics
11/19
Typical single-supply applications
Figure 19.
AC coupled inverting amplifier
Figure 20.
AC coupled non-inverting amplifier
1/2
LM2904
~
0
2VPP
R
10k
Ω
L
Co
eo
R
6.2k
Ω
B
R
100k
Ω
f
R1
10k
Ω
CI
eI
VCC
R2
100k
Ω
C1
10
μF
R3
100k
Ω
A= -
R
R1
V
f
(as shown A
= -10)
V
1/2
LM2904
~
0
2VPP
R
10k
Ω
L
Co
eo
R
6.2k
Ω
B
C1
0.1μF
eI
V
CC
(as shown A
= 11)
V
A= 1 + R2
R1
V
R1
100k
Ω
R2
1M
Ω
CI
R3
1M
Ω
R4
100k
Ω
R5
100k
Ω
C2
10μF
Figure 21.
Non-inverting DC gain
Figure 22.
DC summing amplifier
R1
10k
Ω
R2
1M
Ω
1/2
LM2904
10k
Ω
e I
e
O
+5V
(mV)
0
AV=1 +
R2
R1
(As shown
= 101)
A
V
1/2
LM2904
e
O
e
4
e
3
e
2
e
1
100k
Ω
100k
Ω
100k
Ω
100k
Ω
100k
Ω
100k
Ω
eo = e1 + e2 - e3 - e4
where (e1 + e2)
(e3 + e4)
to keep eo
0V
≥
≥
Figure 23.
High input Z, DC differential
amplifier
Figure 24.
Using symmetrical amplifiers to
reduce input current
+
1/2
LM2904
R1
100k
Ω
R2
100k
Ω
R4
100k
Ω
R3
100k
Ω
+V2
V1
Vo
1/2
LM2904
If R1 = R5 and R3 = R4 = R6 = R7
eo = [ 1 +
] (e2 - e1)
As shown eo = 101 (e2 - e1)
2R1
R2
I
B
2N 929
0.001
μF
I
B
3M
Ω
I
B
eo
I
I
e I
I
B
I
B
Input current compensation
1.5M
Ω
1/2
LM2904
1/2
LM2904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com