Electronic Components Datasheet Search
  English  ▼

X  

LM2904WN Datasheet(PDF) 12 Page - STMicroelectronics

Part # LM2904WN
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WN Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LM2904WN Datasheet HTML 8Page - STMicroelectronics LM2904WN Datasheet HTML 9Page - STMicroelectronics LM2904WN Datasheet HTML 10Page - STMicroelectronics LM2904WN Datasheet HTML 11Page - STMicroelectronics LM2904WN Datasheet HTML 12Page - STMicroelectronics LM2904WN Datasheet HTML 13Page - STMicroelectronics LM2904WN Datasheet HTML 14Page - STMicroelectronics LM2904WN Datasheet HTML 15Page - STMicroelectronics LM2904WN Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Electrical characteristics
LM2904W
12/19
Figure 25.
Low drift peak detector
Figure 26.
Active bandpass filter
1/2
LM2904
I
B
2N 929
0.001
μ F
I
B
3R
3M
Ω
I
B
Input current
compensation
eo
I
B
e I
Z
o
Z
I
C
1
μ F
2I
B
R
1M
Ω
2I
B
1/2
LM2904
1/2
LM2904
1/2
LM2904
R8
100k
Ω
C3
10
μF
R7
100k
Ω
R5
470k
Ω
C1
330pF
Vo
VCC
R6
470k
Ω
C2
330pF
R4
10M
Ω
R1
100k
Ω
R2
100k
Ω
+V1
R3
100k
Ω
1/2
LM2904
1/2
LM2904
Fo = 1kHz
Q = 50
Av = 100 (40dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com