Electronic Components Datasheet Search
  English  ▼

X  

M41T80 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T80
Description  Serial access Real Time Clock with alarm
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T80_06 Datasheet HTML 8Page - STMicroelectronics M41T80_06 Datasheet HTML 9Page - STMicroelectronics M41T80_06 Datasheet HTML 10Page - STMicroelectronics M41T80_06 Datasheet HTML 11Page - STMicroelectronics M41T80_06 Datasheet HTML 12Page - STMicroelectronics M41T80_06 Datasheet HTML 13Page - STMicroelectronics M41T80_06 Datasheet HTML 14Page - STMicroelectronics M41T80_06 Datasheet HTML 15Page - STMicroelectronics M41T80_06 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Operation
M41T80
12/25
2.3
WRITE mode
In this mode the master transmitter transmits to the M41T80 slave receiver. Bus protocol is
shown in Figure 10: WRITE mode sequence on page 12. Following the START condition
and slave address, a logic '0' (R/W=0) is placed on the bus and indicates to the addressed
device that word address “An” will follow and is to be written to the on-chip address pointer.
The data word to be written to the memory is strobed in next and the internal address
pointer is incremented to the next address location on the reception of an acknowledge
clock. The M41T80 slave receiver will send an acknowledge clock to the master transmitter
after it has received the slave address see Figure 7: Slave address location on page 11 and
again after it has received the word address and each data byte.
Figure 10.
WRITE mode sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com