Electronic Components Datasheet Search
  English  ▼

X  

BT151 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BT151
Description  BT151
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT151 Datasheet(HTML) 4 Page - Unisonic Technologies

  BT151 Datasheet HTML 1Page - Unisonic Technologies BT151 Datasheet HTML 2Page - Unisonic Technologies BT151 Datasheet HTML 3Page - Unisonic Technologies BT151 Datasheet HTML 4Page - Unisonic Technologies BT151 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC BT151
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R301-007,B
1ms
0.1ms
10us
0.1
tp/s
Fig.11.Transient thermal impedance Zthj-mb,
versus pulse width tp.
0.001
0.01
10ms
0.1s
VT/V
Fig.10.Typical and maximum on-state characteristic.
IT/A
Zth j-mb(K/W)
100
150
-50
50
0
3
1
Tj/C
2
2.5
1.5
0.5
0
Fig. 7.Normalised gate trigger Current
IGT(Tj)/IGT(25℃),versus junction temperature Tj.
IGT(25℃)
IGT(Tj)
max
100
150
-50
50
0
3
1
Tj/C
2
2.5
1.5
0.5
0
Fig.8.Normalised latching Current IL(Tj)/IL(25℃),
versus junction temperature Tj
IL(25℃)
IL(Tj)
100
150
-50
50
0
3
1
Tj/C
2
2.5
1.5
.5
0
Fig. 9.Normalised holding current IH(Tj)/IH(25℃),
versus junction temperature Tj.
IH(25℃)
IH(Tj)
1s
10s
1
10
tp
t
PD
100
150
50
0
10000
Tj/C
1000
10
Fig.12.Typical, critical rate of rise of off-state voltage,
dV
D/dt versus junction temperature Tj.
dVD/dt(V/us)
RGK=100Ω
2
100
gate open circuit
Tj=25℃
Tj=125℃
0
5
10
15
20
25
30
0
0.5
1
1.5
typ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com