Electronic Components Datasheet Search
  English  ▼

X  

BU407 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BU407
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU407 Datasheet(HTML) 1 Page - Unisonic Technologies

  BU407 Datasheet HTML 1Page - Unisonic Technologies BU407 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCBU407
NPN EXPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R203-020,A
NPN EXPITAXIAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC BU407 is a NPN expitaxial planar transistor,
designed for use in TV Horizontal output and switching
applications.
FEATURE
*High breakdown voltage
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
330
V
Collector to Emitter Voltage
VCEO
150
V
Emitter To Base Voltage
VEBO
6
V
Collector Current
IC
7
A
Base Current
IB
4
A
Collector Dissipation (Ta=25
°C)
Pc
60
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-50 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
BVCEO
IC=100mA, IB=0
150
V
Collect Cutoff Current
ICES
VCE=400V
5
mA
Emitter Cutoff Current
IEBO
VBE=6V, Ic=0
1
mA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5A, IB=0.5A
1
V
Base-Emitter On Voltage
VBE(sat)
IC=5A, IB=0.5A
1.2
V
DC Current Gain
HFE1
HFE2
HFE3
IC=500mA, VCE=5V
IC=2A, VCE=5V
IC=5A, VCE=5V
25
35
10
200
Current Gain Bandwidth Product
fT
Ic=500mA, VCE=10V
f=1MHz
10
MHz
CLASSIFICATION OF hFE2
RANK
B
C
D
RANGE
35-85
75-125
115-200


Similar Part No. - BU407

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU407 MOSPEC-BU407 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
logo
Power Innovations Ltd
BU407 POINN-BU407 Datasheet
157Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
BU407 WINGS-BU407 Datasheet
64Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
logo
Samsung semiconductor
BU407 SAMSUNG-BU407 Datasheet
154Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BU407

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP31C UTC-TIP31C Datasheet
56Kb / 2P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
PNP EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C Datasheet
131Kb / 2P
NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_09 Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_11 Datasheet
146Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
220Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
217Kb / 3P
NPN EXPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com