Electronic Components Datasheet Search
  English  ▼

X  

BU941 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU941
Description  NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU941 Datasheet(HTML) 2 Page - Unisonic Technologies

  BU941 Datasheet HTML 1Page - Unisonic Technologies BU941 Datasheet HTML 2Page - Unisonic Technologies BU941 Datasheet HTML 3Page - Unisonic Technologies BU941 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCBU941
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R203-025,A
ELECTRICAL CHARACTERISTICS (Tc=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Emitter Sustaining Voltage
VCEO(sus)*
Ic=100mA, Vclamp=400V, L=10mH
(see fig. 1)
400
V
Collector Cut-off Current
ICES
VCE=500V, VBE=0
VCE=500V, VBE=0, Tj=125
°C
100
0.5
μ
A
mA
Collector Cut-off Current
ICEO
VCE=450V, IB=0
VCE=450V, IB=0, Tj=125
°C
100
0.5
μ
A
mA
Emitter Cut-off Current
IEBO
VEB=5V, Ic=0
20
mA
Collector-Emitter Saturation Voltage
VCE(sat)*
IC=8A, IB=100mA
IC=10A, IB=250mA
IC=12A, IB=300mA
1.6
1.8
2
V
Base-Emitter Saturation Voltage
VBE(sat)*
IC=8A, IB=100mA
IC=10A, IB=250mA
IC=12A, IB=300mA
2.2
2.5
2.7
V
DC Current Gain
HFE*
VCE=10V, Ic=5A,
300
Diode Forward Voltage
VF
IF=10A
2.5
V
Functional Test
Vcc=24V, Vclamp=400V, L=7mH
(see Functional Test Circuit)
10
A
Fall Time
tf
15
Storage Time
ts
Vcc=12V, Vclamp=300V, VBE=0,
RBE=47Ω, L=7mH, Ic=7A, IB=70mA
(see fig.2)
0.5
μ
s
*Pulsed: Pulse duration=300μs, duty cycle 1.5%
Vcc=16V
0V
20ms
t1
B
R1
R2
Vclamp
T.U.T.
C
E
Fig. 1 Sustaining Voltage Test Circuit
12V
VD
Vin
47Ω
T.U.T.
Vclamp
7mH
Fig. 2 Switching Time Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com