Electronic Components Datasheet Search
  English  ▼

X  

D65H2 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # D65H2
Description  PNP EXPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

D65H2 Datasheet(HTML) 1 Page - Unisonic Technologies

  D65H2 Datasheet HTML 1Page - Unisonic Technologies D65H2 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCD65H2
PNPEXPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R203-002,A
PNP EXPITAXIAL SILICON
TRANSISTOR
DESCRIPTION
The UTC D65H2 is a general purpose power application
and switching.
FEATURE
*Low Collector-Emitter Saturation Voltage
VCE(sat)=-1v(MAX)@-15A
*Fast Switching Speeds
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Collector to Emitter Voltage
VCEO
-30
V
Emitter To Base Voltage
VEBO
-5
V
Collector Current(DC)
IC
-15
A
Collector Current(Pulse)
IC
-25
A
Collector Dissipation(Tc=25
°C)
Pc
50
W
Collector Dissipation(Ta=25
°C)
Pc
1.67
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
*PW<=10mS,Duty Cycle<=50%
ELECTRICAL CHARACTERISTICS(Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cutoff Current
ICES
VCE=Rated ; VCEO,VEB=0
-10
µA
Emitter Cutoff current
IEBO
VEB=-5V,Ic=0
-10
µA
Collector Emitter Saturation
Voltage
VCE(SAT)
IC=-10A,IB=-0.1A
0.6
V
Base Emitter Saturation Voltage
VBE(SAT)
IC=-10A,IB=-1A
-1.5
V
DC Current Gain
hFE1
IC=-10A,VCE=-1V
100
Current Gain Bandwidth Product
FT
VCE=-10V,IC=-0.5A
40
MHZ
Output Capacitance
CCB
VCB=-10V,f=1MHZ
350
PF
Turn On Time
ton
Ic=-5A,IB=-0.5A
150
nS
Storage Time
tstg
IB=-0.5A
600
nS
Fall Time
tf
120
nS


Similar Part No. - D65H2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D65-F01-0000A9A ITT-D65-F01-0000A9A Datasheet
3Mb / 35P
1.0/2.3 RF Connector Series
D65-F02-0000A9A ITT-D65-F02-0000A9A Datasheet
3Mb / 35P
1.0/2.3 RF Connector Series
D65-F74-0020A9A ITT-D65-F74-0020A9A Datasheet
3Mb / 35P
1.0/2.3 RF Connector Series
D65-F74-6020A9A ITT-D65-F74-6020A9A Datasheet
3Mb / 35P
1.0/2.3 RF Connector Series
logo
NEC
D65005C198 NEC-D65005C198 Datasheet
658Kb / 11P
3-MICROON CMOS GATE ARRAYS
More results

Similar Description - D65H2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2N4402 SEMTECH-2N4402 Datasheet
209Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Unisonic Technologies
D45H2 UTC-D45H2 Datasheet
112Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_05 Datasheet
116Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MPSA92 SEMTECH_ELEC-MPSA92 Datasheet
193Kb / 3P
PNP Silicon Expitaxial Planar Transistor
logo
Continental Device Indi...
2N4037 CDIL-2N4037 Datasheet
203Kb / 3P
PNP SILICON PLANAR EXPITAXIAL TRANSISTOR.
logo
Unisonic Technologies
D45H2 UTC-D45H2_15 Datasheet
117Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR
TIP32C UTC-TIP32C_15 Datasheet
144Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
Dongguan Pingjingsemi T...
MPSA92SQ PJSEMI-MPSA92SQ Datasheet
1Mb / 3P
PNP Silicon Expitaxial Planar Transistor
MPSA94SQ PJSEMI-MPSA94SQ Datasheet
461Kb / 4P
PNP Silicon Expitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com