Electronic Components Datasheet Search
  English  ▼

X  

DTA143Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA143Z
Description  PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA143Z Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA143Z Datasheet HTML 1Page - Unisonic Technologies DTA143Z Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCDTA143Z
PNP DIGITAL TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R206-072,B
ELECTRICAL CHARACTERISTIC CURVES
-100
-10
-1
-100µ
OUTPUT CURRENT, IO (A)
-200m
-2
-20
Input voltage vs. output current
(ON characteristics)
Output current vs. input voltage
(OFF characteristics)
VO = -0.3V
-50
-5
-500m
-100m
-200µ -500µ -1m -2m
-5m -10m -20m -50m-100m
100℃
25℃
Ta = -40℃
-10m
0
INPUT VOLTAGE, VI(off) (V)
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-40℃
Ta = 100℃
VCC = -5V
-500µ
-200µ
-100µ
-50µ
-5m
-2m
-1m
-20µ
-10µ
-5µ
-2µ
-1µ
25℃
DC current gain vs. output current
Output voltage vs. output current
1K
100
10
-100µ
OUTPUT CURRENT, IO (A)
2
20
200
VO = -5V
500
50
5
1
-200µ -500µ -1m -2m
-5m -10m -20m -50m -100m
-40℃
25℃
Ta = 100℃
-1
-100m
-10m
-100µ
OUTPUT CURRENT, IO (A)
-2m
-20m
-200m
IO/II = 20
-500m
-50m
-5m
-1m
-200µ -500µ -1m -2m
-5m -10m -20m -50m-100m
-40℃
25℃
Ta = 100℃
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com