Electronic Components Datasheet Search
  English  ▼

X  

SN75C189ADE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75C189ADE4
Description  QUADRUPLE LOW-POWER LINE RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C189ADE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75C189ADE4 Datasheet HTML 1Page - Texas Instruments SN75C189ADE4 Datasheet HTML 2Page - Texas Instruments SN75C189ADE4 Datasheet HTML 3Page - Texas Instruments SN75C189ADE4 Datasheet HTML 4Page - Texas Instruments SN75C189ADE4 Datasheet HTML 5Page - Texas Instruments SN75C189ADE4 Datasheet HTML 6Page - Texas Instruments SN75C189ADE4 Datasheet HTML 7Page - Texas Instruments SN75C189ADE4 Datasheet HTML 8Page - Texas Instruments SN75C189ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN75C189, SN75C189A
QUADRUPLE LOW-POWER LINE RECEIVERS
SLLS041G – OCTOBER 1988 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
90%
10%
tTHL
tTLH
tPLH
10%
90%
VOL
VOH
0 V
3 V
tPHL
VCC
Pulse
Generator
(see Note B)
CL = 50 pF
(see Note A)
Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
Input
Output
RL = 5 kΩ
NOTES: A. CL includes probe and jig capacitances.
B. The pulse generator has the following characteristics: ZO = 50 Ω, tw = 25 µs.
Response Control
Open
1.5 V
1.5 V
1.5 V
1.5 V
Figure 4. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com