Electronic Components Datasheet Search
  English  ▼

X  

MPL3115A2ST1 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPL3115A2ST1
Description  I2C precision pressure sensor with altimetry
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3115A2ST1 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPL3115A2ST1 Datasheet HTML 26Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 27Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 28Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 29Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 30Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 31Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 32Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 33Page - NXP Semiconductors MPL3115A2ST1 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
NXP Semiconductors
MPL3115A2S
I2C precision pressure sensor with altimetry
Location
Bit
Address Register
7
6
5
4
3
2
1
0
16h
P_TGT_MSB
P_TGT[15:8]
17h
P_TGT_LSB
P_TGT[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 36.  P_TGT_MSB, P_TGT_LSB - pressure/altitude target value register (address 16h, 17h) bit
allocation
14.15 T_TGT- temperature target value register (address 18h)
Temperature target value is input as an 8-bit signed integer in °C.
Bit
7
6
5
4
3
2
1
0
Symbol
T_TGT[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 37. T_TGT- temperature target value register (address 18h) bit allocation
14.16 P_WND_LSB, P_WND_MSB - pressure/altitude window value register (address
19h, 1Ah)
Pressure or altitude window value register is arranged as an unsigned 16-bit integer of window value in meters
or in 2 Pa units, depending on either altimeter or barometer mode.
Location
Bit
Address Register
7
6
5
4
3
2
1
0
19h
P_WND_LSB
P_W[15:8]
1Ah
P_WND_MSB
P_W[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 38.  P_WND_LSB, P_WND_MSB - pressure/altitude window value register (address 19h, 1Ah) bit
allocation
14.17 T_WIN- temperature window value register (address 1Bh)
The temperature alarm window value register is an unsigned 8-bit value in °C.
Bit
7
6
5
4
3
2
1
0
Symbol
T_WIN[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 39. T_WIN- temperature window value register (address 1Bh) bit allocation
MPL3115A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.5 — 29 September 2023
30 / 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com