| Electronic Components Datasheet Search |
|
BUT11A Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BUT11A Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 12 page ![]() 1997 Aug 13 4 Philips Semiconductors Product specification Silicon diffused power transistors BUT11; BUT11A Fig.4 Forward bias SOAR. Tmb ≤ 25 °C. I - Region of permissible DC operation. II - Permissible extension for repetitive pulse operation. III - Area of permissible operation during turn-on in single transistor converters, provided RBE ≤ 100 Ω and tp ≤ 0.6 µs. IV - Repetitive pulse operation in this region is permissible provided VBE ≤ 0 and tp ≤ 5 ms. (1) Ptot max and Ptot peak max lines. (2) Second breakdown limits. handbook, full pagewidth MGB950 1 10 102 103 104 VCE (V) 10 10−1 10−2 102 10−3 IC (A) (1) (2) I II III IV IC max BUT11 BUT11A 1 ms 2 ms 10 ms DC 200 µs 500 µs tp = 20 µs 100 µs 50 µs δ = 0.01 ICM max |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |