Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BC327
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC327 Datasheet(HTML) 1 Page - Unisonic Technologies

  BC327 Datasheet HTML 1Page - Unisonic Technologies BC327 Datasheet HTML 2Page - Unisonic Technologies BC327 Datasheet HTML 3Page - Unisonic Technologies BC327 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC BC327/328
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-038,A
SWITCHING AND AMPLIFIER
APPLICATIONS
FEATURES
*Suitable for AF-Driver stages and low power output
stages
*Complement to BC337/338
TO-92
1
1: COLLECTOR 2: BASE 3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-emitter voltage
: BC327
: BC328
VCES
-50
-30
V
V
Collector-emitter voltage
: BC327
: BC328
VCEO
-45
-25
V
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
Ic
-800
mA
Collector dissipation
Pc
625
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-emitter breakdown voltage
: BC327
: BC328
BVCEO
Ic=-10mA, IB=0
-45
-25
V
V
Collector-emitter breakdown voltage
: BC327
: BC328
BVCES
Ic=-0.1mA, VBE=0
-50
-30
V
V
Emitter-base breakdown voltage
BVEBO
IE=-10mA, Ic=0
-5
V
Collector Cut-off Current
: BC327
: BC328
ICES
VCE=-45V, IB=0
VCE=-25V, IB=0
-2
-2
-100
-100
nA
nA
DC current gain
hFE1
hFE2
VCE=-1V, Ic=-100mA
VCE=-1V, Ic=-300mA
100
40
630
Collector-emitter saturation voltage
VCE(sat)
Ic=-500mA, IB=-50mA
-0.7
V


Similar Part No. - BC327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC327 SEMTECH-BC327 Datasheet
424Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC327 FAIRCHILD-BC327 Datasheet
92Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC327

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
Switching and Amplifier Applications
logo
Unisonic Technologies
BC556 UTC-BC556_10 Datasheet
205Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
Switching and Amplifier Applications
BC337.25 FAIRCHILD-BC337.25 Datasheet
33Kb / 3P
Switching and Amplifier Applications
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
Switching and Amplifier Applications
logo
New Jersey Semi-Conduct...
BC237 NJSEMI-BC237 Datasheet
115Kb / 2P
Switching and Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com